Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP2200 Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP2200
Description  USB 2.0 to UART Protocol Converter with GPIO
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2200 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP2200_13 Datasheet HTML 3Page - Microchip Technology MCP2200_13 Datasheet HTML 4Page - Microchip Technology MCP2200_13 Datasheet HTML 5Page - Microchip Technology MCP2200_13 Datasheet HTML 6Page - Microchip Technology MCP2200_13 Datasheet HTML 7Page - Microchip Technology MCP2200_13 Datasheet HTML 8Page - Microchip Technology MCP2200_13 Datasheet HTML 9Page - Microchip Technology MCP2200_13 Datasheet HTML 10Page - Microchip Technology MCP2200_13 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
 2011 Microchip Technology Inc.
DS22228B-page 7
MCP2200
FIGURE 1-4:
TYPICAL POWER SUPPLY
OPTION USING THE 5V
PROVIDED BY THE USB
1.5.2.3
3.3V Self Powered
Typically, many embedded applications are using 3.3V
power supplies. When such an option is available in the
target system, MCP2200 can be powered up from the
existing 3.3V power supply rail. The typical connections
for MCP2200 are shown in Figure 1-5.
In this example MCP2200 has both VDD and VUSB lines
tied to the 3.3V rail. These tied connections disable the
internal USB transceiver LDO of the MCP2200 to reg-
ulate the power supply on VUSB pin. Another conse-
quence is that the ‘1’ logical level on the GPIO pins will
be at the 3.3V level, in accordance with the variations
specified in Section 3.1, DC Characteristics.
FIGURE 1-5:
USING AN EXTERNALLY
PROVIDED 3.3V POWER
SUPPLY
1.6
GPIO Module
The GPIO Module is a standard 8-bit I/O port.
1.6.1
CONFIGURABLE PIN FUNCTIONS
The pins can be configured as:
• GPIO – individually configurable general purpose
input or output
• SSPND – USB Suspend state
• USBCFG – indicates USB configuration status
• RxLED – indicates USB receive traffic
• TxLED – indicates USB transmit traffic
1.6.1.1
SSPND Pin Function
The SSPND pin (if enabled) reflects the USB state
(Suspend/Resume). The pin is active ‘low’ when the
Suspend state has been issued by the USB host.
Likewise, the pin drives ‘high’ after the Resume state is
achieved.
This pin allows the application to go into Low Power
mode when USB communication is suspended, and
switches to a full active state when USB activity is
resumed.
1.6.1.2
USBCFG Pin Function
The USBCFG pin (if enabled) starts out ‘low’ during
power-up or after Reset, and goes ‘high’ after the
device successfully configures to the USB. The pin will
go ‘low’ when in Suspend mode and ‘high’ when the
USB resumes.
LDO
3.3V
USB
Transceiver
D+
VDD
VUSB
D-
IN
OUT
5V (USB Bus)
or external
power supply
LDO
3.3V
D+
VDD
VUSB
D-
IN
OUT
5V (USB Bus)
or external
power supply
External
USB
Transceiver
3.3V
LDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com