Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G9YA Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G9YA
Description  High-frequency, High-capacity Coaxial Switch Supporting Bandwidths to 26.5 GHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G9YA Datasheet(HTML) 2 Page - Omron Electronics LLC

  G9YA Datasheet HTML 1Page - Omron Electronics LLC G9YA Datasheet HTML 2Page - Omron Electronics LLC G9YA Datasheet HTML 3Page - Omron Electronics LLC G9YA Datasheet HTML 4Page - Omron Electronics LLC G9YA Datasheet HTML 5Page - Omron Electronics LLC G9YA Datasheet HTML 6Page - Omron Electronics LLC G9YA Datasheet HTML 7Page - Omron Electronics LLC G9YA Datasheet HTML 8Page - Omron Electronics LLC G9YA Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
358
Coaxial Switch
G9YA
DISCONTINUED
■ List of Models
Standard SPDT Models with Soldering Terminals
Standard SPDT Models with Pin Terminals
Standard SPDT Models with Connector Cables
Note: Versions with 18-GHz operation are available. Replace "-45" with "-35" when ordering.
-- Example: Order G9YA-12S-35-PND DC12 instead of G9YA-12S-45-PND DC12.
Classification
Indicator terminals Data package
Rated coil voltage
Minimum packaging unit
Model
Failsafe
No
No
4.5, 12, 15, 24, and 28 VDC One per box
G9YA-12S-45
Yes
4.5, 12, 15, 24, and 28 VDC
G9YA-12S-45-D
Yes
No
4.5, 12, 15, 24, and 28 VDC
G9YA-12S-45-N
Yes
4.5, 12, 15, 24, and 28 VDC
G9YA-12S-45-ND
Dual coil
latching
No
No
4.5, 12, 15, 24, and 28 VDC One per box
G9YAK-12S-45
Yes
4.5, 12, 15, 24, and 28 VDC
G9YAK-12S-45-D
Yes
No
4.5, 12, 15, 24, and 28 VDC
G9YAK-12S-45-N
Yes
4.5, 12, 15, 24, and 28 VDC
G9YAK-12S-45-ND
TTL-driven dual
coil latching
(with self cut-off
function)
No
No
5, 12, 15, and 24 VDC
One per box
G9YAT-12S-45
Yes
5, 12, 15, and 24 VDC
G9YAT-12S-45-D
Yes
No
5, 12, 15, and 24 VDC
G9YAT-12S-45-N
Yes
5, 12, 15, and 24 VDC
G9YAT-12S-45-ND
Classification
Indicator terminals Data package
Rated coil voltage
Minimum packaging unit
Model
Failsafe
No
No
4.5, 12, 15, 24, and 28 VDC One per box
G9YA-12S-45-P
Yes
4.5, 12, 15, 24, and 28 VDC
G9YA-12S-45-PD
Yes
No
4.5, 12, 15, 24, and 28 VDC
G9YA-12S-45-PN
Yes
4.5, 12, 15, 24, and 28 VDC
G9YA-12S-45-PND
Dual coil
latching
No
No
4.5, 12, 15, 24, and 28 VDC One per box
G9YAK-12S-45-P
Yes
4.5, 12, 15, 24, and 28 VDC
G9YAK-12S-45-PD
Yes
No
4.5, 12, 15, 24, and 28 VDC
G9YAK-12S-45-PN
Yes
4.5, 12, 15, 24, and 28 VDC
G9YAK-12S-45-PND
TTL-driven dual
coil latching
(with self cut-off
function)
No
No
5, 12, 15, and 24 VDC
One per box
G9YAT-12S-45-P
Yes
5, 12, 15, and 24 VDC
G9YAT-12S-45-PD
Yes
No
5, 12, 15, and 24 VDC
G9YAT-12S-45-PN
Yes
5, 12, 15, and 24 VDC
G9YAT-12S-45-PND
Classification
Indicator terminals Data package
Rated coil voltage
Minimum packaging unit
Model
Failsafe
No
No
4.5, 12, 15, 24, and 28 VDC One per box
G9YA-12S-45-C
Yes
4.5, 12, 15, 24, and 28 VDC
G9YA-12S-45-CD
Yes
No
4.5, 12, 15, 24, and 28 VDC
G9YA-12S-45-CN
Yes
4.5, 12, 15, 24, and 28 VDC
G9YA-12S-45-CND
Dual coil
latching
No
No
4.5, 12, 15, 24, and 28 VDC One per box
G9YAK-12S-45-C
Yes
4.5, 12, 15, 24, and 28 VDC
G9YAK-12S-45-CD
Yes
No
4.5, 12, 15, 24, and 28 VDC
G9YAK-12S-45-CN
Yes
4.5, 12, 15, 24, and 28 VDC
G9YAK-12S-45-CND
TTL-driven dual
coil latching
(with self cut-off
function)
No
No
5, 12, 15, and 24 VDC
One per box
G9YAT-12S-45-C
Yes
5, 12, 15, and 24 VDC
G9YAT-12S-45-CD
Yes
No
5, 12, 15, and 24 VDC
G9YAT-12S-45-CN
Yes
5, 12, 15, and 24 VDC
G9YAT-12S-45-CND



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com