Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HUF76013P3 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # HUF76013P3
Description  20A, 20V, 0.022 Ohm, N-Channel, Logic Level Power MOSFETs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUF76013P3 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  HUF76013P3 Datasheet HTML 1Page - Fairchild Semiconductor HUF76013P3 Datasheet HTML 2Page - Fairchild Semiconductor HUF76013P3 Datasheet HTML 3Page - Fairchild Semiconductor HUF76013P3 Datasheet HTML 4Page - Fairchild Semiconductor HUF76013P3 Datasheet HTML 5Page - Fairchild Semiconductor HUF76013P3 Datasheet HTML 6Page - Fairchild Semiconductor HUF76013P3 Datasheet HTML 7Page - Fairchild Semiconductor HUF76013P3 Datasheet HTML 8Page - Fairchild Semiconductor HUF76013P3 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
©2001 Fairchild Semiconductor Corporation
HUF76013P3, HUF76013D3S Rev. B
FIGURE 11. NORMALIZED DRAIN TO SOURCE BREAKDOWN
VOLTAGE vs JUNCTION TEMPERATURE
FIGURE 12. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
NOTE: Refer to Fairchild Application Notes AN7254 and AN7260.
FIGURE 13. GATE CHARGE WAVEFORMS FOR CONSTANT
GATE CURRENT
FIGURE 14. SWITCHING TIME vs GATE RESISTANCE
FIGURE 15. SWITCHING TIME vs GATE RESISTANCE
Typical Performance Curves (Continued)
0.8
0.9
1.0
1.2
-80
-40
0
40
80
120
160
TJ, JUNCTION TEMPERATURE (
oC)
ID = 250µA
1.1
100
1000
0.1
1
10
20
2500
50
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 0V, f = 1MHz
CISS = CGS + CGD
COSS ≅ CDS + CGD
CRSS = CGD
0
2
4
6
8
10
03
6
9
15
Qg, GATE CHARGE (nC)
VDD = 10V
ID = 20A
ID = 10A
WAVEFORMS IN
DESCENDING ORDER:
ID = 5A
12
0
30
60
90
120
150
180
0
1020304050
RGS, GATE TO SOURCE RESISTANCE (Ω)
VGS = 5V, VDD = 10V, ID = 20A
tr
tf
td(ON)
td(OFF)
0
20
40
60
80
100
0
102030
40
50
RGS, GATE TO SOURCE RESISTANCE (Ω)
VGS = 10V, VDD = 10V, ID = 20A
tr
td(ON)
tf
td(OFF)
120
HUF76013P3, HUF76013D3S



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com