Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33FJ32MC302EMM Datasheet(PDF) 3 Page - Microchip Technology

Part # DSPIC33FJ32MC302EMM
Description  16-BIT DIGITAL SIGNAL CFONTROLLERS WITH MOTOR CONTROL PWM AND ADVANCED ANALOG
PDF  460 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ32MC302EMM Datasheet(HTML) 3 Page - Microchip Technology

  DSPIC33FJ32MC302EMM Datasheet HTML 1Page - Microchip Technology DSPIC33FJ32MC302EMM Datasheet HTML 2Page - Microchip Technology DSPIC33FJ32MC302EMM Datasheet HTML 3Page - Microchip Technology DSPIC33FJ32MC302EMM Datasheet HTML 4Page - Microchip Technology DSPIC33FJ32MC302EMM Datasheet HTML 5Page - Microchip Technology DSPIC33FJ32MC302EMM Datasheet HTML 6Page - Microchip Technology DSPIC33FJ32MC302EMM Datasheet HTML 7Page - Microchip Technology DSPIC33FJ32MC302EMM Datasheet HTML 8Page - Microchip Technology DSPIC33FJ32MC302EMM Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 460 page
background image
© 2007-2012 Microchip Technology Inc.
DS70291G-page 3
dsPIC33FJ32MC302/304, dsPIC33FJ64MCX02/X04 AND dsPIC33FJ128MCX02/X04
Pin Diagrams
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
28-Pin SPDIP, SOIC
AVDD
AVSS
PGEC3/ASCL1/RP6(1)/CN24/PMD6/RB6
VSS
VCAP
INT0/RP7(1)/CN23/PMD5/RB7
TDO/PWM2L1/SDA1/RP9(1)/CN21/PMD3/RB9
TCK/PWM2H1/SCL1/RP8(1)/CN22/PMD4/RB8
PWM1L1/RP15(1)/CN11/PMCS1/RB15
PWM1H1/RTCC/RP14(1)/CN12/PMWR/RB14
PWM1L2/RP13(1)/CN13/PMRD/RB13
PWM1H2/RP12(1)/CN14/PMD0/RB12
PGED2/TDI/PWM1H3/RP10(1)/CN16/PMD2/RB10
PGEC2/TMS/PWM1L3/RP11(1)/CN15/PMD1/RB11
MCLR
VSS
VDD
AN0/VREF+/CN2/RA0
AN1/VREF-/CN3/RA1
PGED1/AN2/C2IN-/RP0(1)/CN4/RB0
SOSCO/T1CK/CN0/PMA1/RA4
SOSCI/RP4(1)/CN1/PMBE/RB4
OSC2/CLKO/CN29/PMA0/RA3
OSC1/CLKI/CN30/RA2
AN5/C1IN+/RP3(1)/CN7/RB3
AN4/C1IN-/RP2(1)/CN6/RB2
PGEC1/ AN3/C2IN+/RP1(1)/CN5/RB1
PGED3/ASDA1/RP5(1)/CN27/PMD7/RB5
28-Pin QFN-S(2)
dsPIC33FJ128MC202
2
3
6
1
18
19
20
21
15
7
16
17
5
4
VSS
PGED1/AN2/C2IN-/RP0(1)/CN4/RB0
VSS
OSC2/CLKO/CN29/PMA0/RA3
OSC1/CLKI/CN30/RA2
VCAP
TDO/PWM2L1/SDA1/RP9(1)/CN21/PMD3/RB9
AN5/C1IN+/RP3(1)/CN7/RB3
AN4/C1IN-/RP2(1)/CN6/RB2
PGEC1/AN3/C2IN+/RP1(1)/CN5/RB1
PWM1L2/RP13(1)/CN13/PMRD/RB13
PWM1H2/RP12(1)/CN14/PMD0/RB12
PGED2/TDI/PWM1H3/RP10(1)/CN16/PMD2/RB10
PGEC2/TMS/PWM1L3/RP11(1)/CN15/PMD1/RB11
dsPIC33FJ64MC202
dsPIC33FJ64MC802
dsPIC33FJ128MC802
dsPIC33FJ32MC302
Note 1:
The RPx pins can be used by any remappable peripheral. See Table 1 in this section for the list of available peripherals.
2:
The metal plane at the bottom of the device is not connected to any pins and is recommended to be connected to VSS externally.
= Pins are up to 5V tolerant
= Pins are up to 5V tolerant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com