Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G5000AS Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # G5000AS
Description  G5000 and G6000 Series Overvoltage Protectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

G5000AS Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  G5000AS Datasheet HTML 1Page - Bourns Electronic Solutions G5000AS Datasheet HTML 2Page - Bourns Electronic Solutions G5000AS Datasheet HTML 3Page - Bourns Electronic Solutions G5000AS Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications
3312 - 2 mm SMD Trimming Potentiometer
Asia-Pacific:
Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
Europe:
Tel: +41-41 768 5555 • Fax: +41-41 768 5510
The Americas:
Tel: +1-951 781-5500 • Fax: +1-951 781-5700
www.bourns.com
G5000 and G6000 Series Overvoltage Protectors
REV. 09/09
Packaging Specifications (per EIA468-B)
B
A
D
C
N
F
G (MEASURED AT HUB)
USER DIRECTION OF FEED
K0
B0
P2
D1
CENTER
LINES OF
CAVITY
EMBOSSMENT
t
D
P0
TOP
COVER
TAPE
E
W
P
A0
DIMENSIONS:
MM
(INCHES)
A
B
C
D
G
N
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Ref.
Ref.
328
(12.913)
332
(13.071)
1.5
(.059)
2.5
(.098)
12.5
(.492)
13.5
(.531)
20.2
(.795)
21.8
(.858)
13.5
(.531)
80
(3.150)
A0
B0
D
D1
E
F
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
max.
3.4
(.134)
3.8
(.150)
4.7
(.185)
5.1
(.201)
1.5
(.059)
1.6
(.063)
1.5
(.059)
1.8
(.071)
1.65
(.065)
1.85
(.073)
5.45
(.215)
5.55
(.219)
K0
P
P0
P2
t
W
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
2.6
(.102)
3.0
(.118)
7.9
(.311)
8.1
(.319)
3.9
(.159)
4.1
(.161)
1.9
(.075)
2.1
(.083)
0.2
(.008)
0.4
(.016)
11.7
(.461)
12.3
(.484)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com