Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G6000AS Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # G6000AS
Description  G5000 and G6000 Series Overvoltage Protectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

G6000AS Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  G6000AS Datasheet HTML 1Page - Bourns Electronic Solutions G6000AS Datasheet HTML 2Page - Bourns Electronic Solutions G6000AS Datasheet HTML 3Page - Bourns Electronic Solutions G6000AS Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
■
Small size
■
Stable breakdown voltage
■
High bandwidth
■
RoHS compliant*
Applications
■
Telecom
■
Datacom
■
Industrial electronics
G5000 and G6000 Series Overvoltage Protectors
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications
Electrical Characteristics
Symbol
Parameter
Test conditions
Value
Unit
VBR
Maximum end-of-life impulse sparkover
voltage
G5000AS
10/1000 µs, 1000 V, 100 A
2/10 µs, 2500 V, 500 A
2/10 µs, 5000 V, 500 A
10/700 µs, 6000 V, 240 A
1600
V
G5200AS
10/1000 µs, 1000 V, 100 A
2/10 µs, 5000 V, 500 A
10/700 µs, 6000 V, 240 A
850
G5500AS
2/10 µs, 800 V, 100 A
2/10 µs, 1500 V, 100 A
650
G6000AS
2/10 µs, 6000 V, 500 A
650
VDC
Minimum end-of-life DC breakover voltage
G5000AS
R=1 MΩ, 500 V/s
900
V
G5200AS
G5500AS
G6000AS
R=51k Ω, 500 V/s
R=51k Ω, 500 V/s
R=51k Ω, 500 V/s
400
200
200
Isurge
Maximum surge rating with 8/20 µs waveform
–
2
kA
Cmax
Maximum capacitance (1 MHz)
–
0.3
pF
Rins
Minimum insulation resistance
–
10
MΩ
Thermal Conditions
Symbol
Parameter
Min.
Unit
Top
Operating temperature range
-40 to +85
°C
Tstg
Storage temperature range
-40 to +85
°C
Product Dimensions
A
B
DD
DIMENSIONS:
MM
(INCHES)
Dim.
Min.
Max.
A
2.40
(.094)
3.00
(.118)
B
4.20
(.165)
4.80
(.189)
C
2.90
(.114)
3.50
(.138)
D
0.60
(.024)
0.70
(.028)
C
Recommended Pad Layout
3.40
(.139)
2.70
(.106)
2.15
(.085)
2.15
(.085)
3.40
(.139)
Packaging: 3000 pieces per reel
Typical Part Marking
H5xx
MARKING NUMBER
11xx = G5000AS
H5xx = G5200AS
H3xx = G5500AS
H2xx = G6000AS
How to Order
G 5200 AS
Form Factor
G = Gas Discharge Tube
Series
5000
5200
5500
6000
Rating Form Factor
AS = 2 kA Rating, Surface Mount


Similar Part No. - G6000AS

ManufacturerPart #DatasheetDescription
logo
Heyco.
G6000 HEYCO-G6000 Datasheet
90Kb / 1P
Heyco® Retaining Sealing Washers
logo
List of Unclassifed Man...
G6000144C ETC2-G6000144C Datasheet
1Mb / 8P
TEMPERATURE
More results

Similar Description - G6000AS

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP4070H3BJ POINN-TISP4070H3BJ Datasheet
312Kb / 14P
BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4070L3BJ POINN-TISP4070L3BJ Datasheet
223Kb / 14P
BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
TISP4070M3BJ POINN-TISP4070M3BJ Datasheet
317Kb / 14P
BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4165H4BJ POINN-TISP4165H4BJ Datasheet
295Kb / 14P
BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP4XX0T3BJ BOURNS-TISP4XX0T3BJ Datasheet
159Kb / 9P
BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXF3LM BOURNS-TISP4XXXF3LM Datasheet
384Kb / 11P
BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4070H3BJ BOURNS-TISP4070H3BJ Datasheet
392Kb / 13P
Overvoltage Protector Series BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4290T3BJ BOURNS-TISP4290T3BJ_08 Datasheet
232Kb / 6P
BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISPL758LF3D BOURNS-TISPL758LF3D_07 Datasheet
290Kb / 7P
INTEGRATED SYMMETRICAL AND ASYMMETRICAL BIDIRECTIONAL OVERVOLTAGE PROTECTORS
logo
Maxim Integrated Produc...
MAX14571 MAXIM-MAX14571_V01 Datasheet
873Kb / 14P
Adjustable Overvoltage and Protectors with High Accuracy
2017
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com