Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAM-010263 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAAM-010263
Description  Broadband CATV 6-Way Active Splitter with default loop-through Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAM-010263 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAAM-010263 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAM-010263 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAM-010263 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAM-010263 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAM-010263 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAM-010263 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAM-010263 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAM-010263 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Broadband CATV 6-Way Active Splitter with default loop-through Switch
50 - 1100 MHz
Rev. V1
MAAM-010263
2
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: TA = 25°C, Z0 = 75 Ω
4
4. The unpowered state is the same as Vcontrol =0 V
Parameter
Test Conditions
VDD
VC
Units
Min.
Typ.
Max.
Gain
In to Out1, 2, 3, 4, 5 or 6
400 MHz
900 MHz
5
3.3
dB
0
-
2.0
2.0
4.0
-
Insertion Loss
In to Out6
400 MHz
900 MHz
0
0
dB
-
-
0.5
1
0.7
-
Noise Figure
In to Out1, 2, 3, 4, 5, or 6
5
3.3
dB
-
4.8
-
Gain Flatness
In to Out1, 2, 3, 4, 5, or 6
5
3.3
dB
-
1.5
-
Input Return Loss
Gain State
5
3.3
dB
-
12
-
Input Return Loss
Insertion Loss State
0
0
dB
-
12
-
Output Return Loss
Gain State
5
3.3
dB
-
10
-
Output Return Loss
Insertion Loss State
0
0
dB
-
12
-
Out to Out Isolation
Out1 to Out2, 3, 4, 5, or 6
5
3.3
dB
-
25
-
Out to Out Isolation
Out1 to Out2, 3, 4, or 5
0
0
dB
-
30
-
CTB
132 Ch, +15 dBmV/Ch at the Input
5
3.3
dBc
-
-65
-
CSO
132 Ch, +15 dBmV/Ch at the Input
5
3.3
dBc
-
-55
-
Reverse Isolation
Out1, 2, 3, 4, 5 to In
5
3.3
dB
-
35
-
Reverse Isolation
Out6 to In
5
3.3
dB
-
30
-
Reverse Isolation
Out1, 2, 3, 4, 5 to In
0
0
dB
-
40
-
OIP2
500 MHz, 2-tone,
6 MHz spacing, -10 dBm Pout
5
3.3/0
dBm
-
32
-
OIP3
500 MHz, 2-tone,
6 MHz spacing, -10 dBm Pout
5
3.3/0
dBm
-
22
-
P1dB
500 MHz
5
3.3
dBm
-
6
-
P1dB
500 MHz
5
0
dBm
-
25
-
IDD
-
5
3.3
mA
-
190
220
IC
-
5
3.3
µA
-
230
300



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com