Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DZ2J130 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # DZ2J130
Description  Silicon epitaxial planar type For constant voltage / For surge absorption circuit
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

DZ2J130 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  DZ2J130 Datasheet HTML 1Page - Panasonic Semiconductor DZ2J130 Datasheet HTML 2Page - Panasonic Semiconductor DZ2J130 Datasheet HTML 3Page - Panasonic Semiconductor DZ2J130 Datasheet HTML 4Page - Panasonic Semiconductor DZ2J130 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Product Standards
Zener Diode
DZ2J130
0L
Technical Data ( reference )
Page 3 of 4
Rth - t
1
10
100
1000
0.001
0.01
0.1
1
10
100
1000
Time t (s)
(1)
Rth(j-l) = 80 °C/W
(1) Non-heat sink
(2) Mounted on glass epoxy print board.
Board size : 45 mm × 45 mm x 1 mm
Solder in : land pattern
(2)
PZSM - tw
0.1
1
10
100
100
1000
10000
Pulse width tw (μs)
Ta = 25 °C
Ct - VR
0
2
4
6
8
10
12
14
16
18
20
02
468
10
12
Reverse voltage VR (V)
Ta = 25 °C
f = 1 MHz
Doc No. TT4-EA-11555
Revision. 3
Established : 2009-10-14
Revised
: 2013-07-12



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com