Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXTH02N250 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTH02N250
Description  High Voltage Power MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTH02N250 Datasheet(HTML) 1 Page - IXYS Corporation

  IXTH02N250 Datasheet HTML 1Page - IXYS Corporation IXTH02N250 Datasheet HTML 2Page - IXYS Corporation IXTH02N250 Datasheet HTML 3Page - IXYS Corporation IXTH02N250 Datasheet HTML 4Page - IXYS Corporation IXTH02N250 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2012 IXYS CORPORATION, All Rights Reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
2500
V
V
DGR
T
J
= 25
°C to 150°C, R
GS = 1MΩ
2500
V
V
GSS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C = 25°C
200
mA
I
DM
T
C = 25°C, Pulse Width Limited by TJM
600
mA
P
D
T
C = 25°C83
W
T
J
- 55 ... +150
°C
T
JM
150
°C
T
stg
- 55 ... +150
°C
T
L
1.6mm (0.062 in.) from Case for 10s
300
°C
T
SOLD
Plastic Body for 10s
260
°C
M
d
Mounting Torque (TO-247)
1.13 / 10
Nm/lb.in
F
C
Mounting Force (PLUS220 & TO-263)
11..65 / 25..14.6
N/lb.
Weight
TO-263
2.5
g
PLUS220
4.0
g
TO-247
6.0
g
DS100187C(04/12)
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 250μA
2500
V
V
GS(th)
V
DS = VGS, ID = 250μA
2.5
4.5
V
I
GSS
V
GS = ±20V, VDS = 0V
±100 nA
I
DSS
V
DS = 0.8 • VDSS
5
μA
T
J = 125°C
500
μA
R
DS(on)
V
GS = 10V, ID = 50mA, Note 1
450
Ω
High Voltage
Power MOSFETs
IXTA02N250
IXTH02N250
IXTV02N250S
V
DSS
= 2500V
I
D25
= 200mA
R
DS(on) ≤
≤≤≤≤ 450Ω
Ω
Ω
Ω
Ω
N-Channel Enhancement Mode
Fast Intrinsic Diode
Features
Fast Intrinsic Diode
Low Package Inductance
Advantages
Easy to Mount
Space Savings
Applications
High Voltage Power Supplies
Capacitor Discharge
Pulse Circuits
G = Gate
D
= Drain
S = Source
Tab = Drain
TO-247 (IXTH)
PLUS220SMD (IXTV_S)
G
S
D (Tab)
G
S
D
D (Tab)
D (Tab)
G
S
TO-263 (IXTA)


Similar Part No. - IXTH02N250

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTH02N250 IXYS-IXTH02N250 Datasheet
244Kb / 5P
N-Channel Enhancement Mode Fast Intrinsic Diode
logo
Inchange Semiconductor ...
IXTH02N250 ISC-IXTH02N250 Datasheet
421Kb / 2P
N-Channel MOSFET Transistor
More results

Similar Description - IXTH02N250

ManufacturerPart #DatasheetDescription
logo
Seme LAB
SML100B13 SEME-LAB-SML100B13 Datasheet
21Kb / 2P
N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML100H9 SEME-LAB-SML100H9 Datasheet
26Kb / 2P
N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
logo
IXYS Corporation
IXTP3N120 IXYS-IXTP3N120 Datasheet
562Kb / 4P
High Voltage Power MOSFETs
IXTA3N120 IXYS-IXTA3N120 Datasheet
102Kb / 4P
High Voltage Power MOSFETs
logo
Advanced Power Technolo...
APT6060AN ADPOW-APT6060AN Datasheet
386Kb / 4P
N-CHANNEL ENHANCEMENT-MODE HIGH VOLTAGE POWER MOSFETS
logo
IXYS Corporation
IXTH3N120 IXYS-IXTH3N120 Datasheet
145Kb / 4P
High Voltage Power MOSFETs
logo
Seme LAB
BFC18 SEME-LAB-BFC18 Datasheet
30Kb / 2P
N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
logo
IXYS Corporation
IXTA02N450HV IXYS-IXTA02N450HV Datasheet
208Kb / 5P
High Voltage Power MOSFETs
IXTH6N150 IXYS-IXTH6N150 Datasheet
135Kb / 5P
High Voltage Power MOSFETs
IXTV03N400S IXYS-IXTV03N400S Datasheet
193Kb / 4P
High Voltage Power MOSFETs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com