Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD2S1200YST Datasheet(PDF) 21 Page - Analog Devices

Part # AD2S1200YST
Description  12-Bit R/D Converter with Reference Oscillator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2S1200YST Datasheet(HTML) 21 Page - Analog Devices

Back Button AD2S1200YST Datasheet HTML 16Page - Analog Devices AD2S1200YST Datasheet HTML 17Page - Analog Devices AD2S1200YST Datasheet HTML 18Page - Analog Devices AD2S1200YST Datasheet HTML 19Page - Analog Devices AD2S1200YST Datasheet HTML 20Page - Analog Devices AD2S1200YST Datasheet HTML 21Page - Analog Devices AD2S1200YST Datasheet HTML 22Page - Analog Devices AD2S1200YST Datasheet HTML 23Page - Analog Devices AD2S1200YST Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
AD2S1200
Rev. 0 | Page 21 of 24
OUTLINE DIMENSIONS
VIEW A
TOP VIEW
(PINS DOWN)
11
1
44
34
33
23
22
12
0.80
BSC
12.00 BSC
10.00
BSC
1.60 MAX
SEATING
PLANE
0.75
0.60
0.45
0.45
0.37
0.30
PIN 1
0.20
0.09
1.45
1.40
1.35
0.10 MAX
COPLANARITY
VIEW A
ROTATED 90° CCW
SEATING
PLANE
10°
6°
2°



7°
3.5°
0°


0.15
0.05
COMPLIANT TO JEDEC STANDARDS MS-026BCB
Figure 17. 44-Lead Low Profile Quad Flat Package [LQFP]
(ST-44)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Angular Accuracy
Package Description
Package Option
AD2S1200YST
−40°C to +125°C
±11 arc min
44-Lead Low Profile Quad Flat Package (LQFP)
ST-44
AD2S1200WST
−40°C to +125°C
±22 arc min
44-Lead Low Profile Quad Flat Package (LQFP)
ST-44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com