Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1671 Datasheet(PDF) 11 Page - Analog Devices

Part # AD1671
Description  Complete 12-Bit 1.25 MSPS Monolithic A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1671 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD1671 Datasheet HTML 7Page - Analog Devices AD1671 Datasheet HTML 8Page - Analog Devices AD1671 Datasheet HTML 9Page - Analog Devices AD1671 Datasheet HTML 10Page - Analog Devices AD1671 Datasheet HTML 11Page - Analog Devices AD1671 Datasheet HTML 12Page - Analog Devices AD1671 Datasheet HTML 13Page - Analog Devices AD1671 Datasheet HTML 14Page - Analog Devices AD1671 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD1671
REV. B
–11–
Table III. Output Data Format
Input
Analog
Digital
Range
Coding
Input
l
Output
OTR
2
0 V to +2.5 V
Straight Binary
≤ –0.0003 V
0000 0000 0000
1
0 V
0000 0000 0000
0
+2.5 V
1111 1111 1111
0
≥ +2.5003 V
1111 1111 1111
1
0 V to +5 V
Straight Binary
≤ –0.0006 V
0000 0000 0000
1
0 V
0000 0000 0000
0
+5 V
1111 1111 1111
0
≥ +5.0006 V
1111 1111 1111
1
–2.5 V to +2.5 V
Offset Binary
≤ –2.5006 V
0000 0000 0000
1
–2.5 V
0000 0000 0000
0
+2.5 V
1111 1111 1111
0
≥ +2.4994 V
1111 1111 1111
1
–5 V to +5 V
Offset Binary
≤ –5.0012 V
0000 0000 0000
1
–5 V
0000 0000 0000
0
+5 V
1111 1111 1111
0
≥ +4.9988 V
1111 1111 1111
1
–2.5 V to +2.5 V
Twos Complement
≤ –2.5006 V
1000 0000 0000
1
(Using MSB)
–2.5 V
1000 0000 0000
0
+2.5 V
0111 1111 1111
0
≥ +2.4994 V
0111 1111 1111
1
–5 V to +5 V
Twos Complement
≤ –5.0012 V
1000 0000 0000
1
(Using MSB)
–5 V
1000 0000 0000
0
+5 V
0111 1111 1111
0
≥ +4.9988 V
0111 1111 1111
1
NOTES
1Voltages listed are with offset and gain errors adjusted to zero.
2Typical performance.
OUTPUT DATA FORMAT
The AD1671 provides both MSB and MSB outputs, delivering
data in positive true straight binary for unipolar input ranges
and positive true offset binary or twos complement for bipolar
input ranges. Straight binary coding is used for systems that ac-
cept positive-only signals. If straight binary coding is used with
bipolar input signals, a 0 V input would result in a binary output
of 2048. The application software would have to subtract 2048
to determine the true input voltage. Host registers typically per-
form math on signed integers and assume data is in that format.
Twos complement format minimizes software overhead which is
especially important in high speed data transfers, such as a
DMA operation. The CPU is not bogged down performing data
conversion steps, hence the total system throughput is increased.
OPTIONAL EXTERNAL REFERENCE
The AD1671 includes an onboard +2.5 V reference. The refer-
ence input pin (REF IN) can be connected to reference output
pin (REF OUT) or a standard external +2.5 V reference can be
selected to meet specific system requirements. Fast switching in-
put dependent currents are modulated at the reference input.
The reference input voltage can be held with the use of a capaci-
tor. To prevent the AD1671’s onboard reference from oscil-
lating when not connected to REF IN, REF OUT must be
connected to +5 V. It is possible to connect REF OUT to +5 V
due to its output circuit implementation which shuts down the
reference.
ILOGIC VS. CONVERSION RATE
Figure 15 is the typical logic supply current vs. conversion rate
for various capacitor loads on the digital outputs.
6.5
6.0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
1M
CONVERSION RATE – Hz
1k
10k
100k
CL = 50pF
CL = 30pF
CL = 0pF
Figure 15. ILOGIC vs. Conversion Rate for Various
Capacitive Loads on the Digital Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com