Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5791 Datasheet(PDF) 7 Page - Analog Devices

Part # AD5791
Description  True 18-Bit, Voltage Output DAC 짹0.5 LSB INL, 짹0.5 LSB DNL
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5791 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5791 Datasheet HTML 3Page - Analog Devices AD5791 Datasheet HTML 4Page - Analog Devices AD5791 Datasheet HTML 5Page - Analog Devices AD5791 Datasheet HTML 6Page - Analog Devices AD5791 Datasheet HTML 7Page - Analog Devices AD5791 Datasheet HTML 8Page - Analog Devices AD5791 Datasheet HTML 9Page - Analog Devices AD5791 Datasheet HTML 10Page - Analog Devices AD5791 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Data Sheet
AD5781
Rev. D | Page 7 of 28
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted. Transient currents of up to
100 mA do not cause SCR latch-up.
Table 5.
Parameter
Rating
VDD to AGND
−0.3 V to +34 V
VSS to AGND
−34 V to +0.3 V
VDD to VSS
−0.3 V to +34 V
VCC to DGND
−0.3 V to +7 V
IOVCC to DGND
−0.3 V to VCC + 3 V or +7 V
(whichever is less)
Digital Inputs to DGND
−0.3 V to IOVCC + 0.3 V or
+7 V (whichever is less)
VOUT to AGND
−0.3 V to VDD + 0.3 V
VREFPF to AGND
−0.3 V to VDD + 0.3 V
VREFPS to AGND
−0.3 V to VDD + 0.3 V
VREFNF to AGND
VSS − 0.3 V to +0.3 V
VREFNS to AGND
VSS − 0.3 V to +0.3 V
DGND to AGND
−0.3 V to +0.3 V
Operating Temperature Range, TA
Industrial
−40°C to + 125°C
Storage Temperature Range
−65°C to +150°C
Maximum Junction Temperature,
TJ max
150°C
Power Dissipation
(TJ max − TA)/θJA
TSSOP Package
θJA Thermal Impedance
143°C/W
θJC Thermal Impedance
45°C/W
Lead Temperature
JEDEC industry standard
Soldering
J-STD-020
ESD (Human Body Model)
1.5 kV
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
This device is a high performance integrated circuit with an
ESD rating of 1.5 kV, and it is ESD sensitive. Proper precautions
should be taken for handling and assembly.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com