Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADR421 Datasheet(PDF) 4 Page - Analog Devices

Part # ADR421
Description  Dual, Current-Output, Serial-Input, 16-/14-Bit DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR421 Datasheet(HTML) 4 Page - Analog Devices

  ADR421 Datasheet HTML 1Page - Analog Devices ADR421 Datasheet HTML 2Page - Analog Devices ADR421 Datasheet HTML 3Page - Analog Devices ADR421 Datasheet HTML 4Page - Analog Devices ADR421 Datasheet HTML 5Page - Analog Devices ADR421 Datasheet HTML 6Page - Analog Devices ADR421 Datasheet HTML 7Page - Analog Devices ADR421 Datasheet HTML 8Page - Analog Devices ADR421 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD5545/AD5555
Data Sheet
Rev. G | Page 4 of 24
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
AC CHARACTERISTICS
Output Voltage Setting Time
tS
To ±0.1% full scale, data = zero scale to
full scale to zero scale
0.5
μs
Reference Multiplying BW
BW
VREF = 100 mV rms, data = full scale, C1 = 5.6 pF
6.9
MHz
DAC Glitch Impulse
Q
VREF = 0 V, data = midscale minus 1 to midscale
–2
nV-s
Feedthrough Error
VOUT/VREF
Data = zero scale, VREF = 100 mV rms,
f = 1 kHz, same channel
–81
dB
Digital Feedthrough
Q
CS = logic high and fCLK = 1 MHz
7
nV-s
Total Harmonic Distortion
THD
VREF = 5 V p-p, data = full scale, f = 1 kHz to 10 kHz
–104
dB
Analog Crosstalk
CTA
VREFB = 0 V, measure VOUTB with VREFA = 5 V p-p
sine wave, data = full scale, f = 1 kHz to 10 kHz
–95
dB
Output Spot Noise Voltage
eN
f = 1 kHz, BW = 1 Hz
12
nV/√Hz
1 All static performance tests (except IOUT) are performed in a closed-loop system using an external precision OP1177 I-to-V converter amplifier. The AD5545 RFB terminal
is tied to the amplifier output. Typical values represent average readings measured at 25°C.
2 These parameters are guaranteed by design and not subject to production testing.
3 All ac characteristic tests are performed in a closed-loop system using an AD8038 I-to-V converter amplifier and the AD8065 for the THD specification.
4 All input control signals are specified with tR = tF = 2.5 ns (10% to 90% of 3 V) and timed from a voltage level of 1.5 V.
TIMING DIAGRAMS
02918- 0- 003
A1
SDI
CLK
CS
tCSS
tDS
tDH
tCH
tCL
tLDAC
tCSH
tLDS
tLDH
LDAC
A0
INPUT REG LD
D1
D0
D15
D14
D13
D12
D11
D10
Figure 2. AD5545 18-Bit Data Word Timing Diagram
02918- 0- 004
A1
SDI
CLK
CS
tCSS
tDS
tDH
tCH
tCL
tLDAC
tCSH
tLDS
tLDH
LDAC
A0
INPUT REG LD
D1
D0
D13
D12
D11
D10
D09
D08
Figure 3. AD5555 16-Bit Data Word Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com