Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP97 Datasheet(PDF) 23 Page - Analog Devices

Part # OP97
Description  Dual, Current-Output, Serial-Input, 16-/14-Bit DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP97 Datasheet(HTML) 23 Page - Analog Devices

Back Button OP97 Datasheet HTML 16Page - Analog Devices OP97 Datasheet HTML 17Page - Analog Devices OP97 Datasheet HTML 18Page - Analog Devices OP97 Datasheet HTML 19Page - Analog Devices OP97 Datasheet HTML 20Page - Analog Devices OP97 Datasheet HTML 21Page - Analog Devices OP97 Datasheet HTML 22Page - Analog Devices OP97 Datasheet HTML 23Page - Analog Devices OP97 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
Data Sheet
AD5545/AD5555
Rev. G | Page 23 of 24
OUTLINE DIMENSIONS
16
9
8
1
PIN 1
SEATING
PLANE
8°
0°
4.50
4.40
4.30
6.40
BSC
5.10
5.00
4.90
0.65
BSC
0.15
0.05
1.20
MAX
0.20
0.09
0.75
0.60
0.45
0.30
0.19
COPLANARITY
0.10
COMPLIANT TO JEDEC STANDARDS MO-153-AB
Figure 34. 16-Lead Thin Shrink Small Outline Package [TSSOP]
(RU-16)
Dimensions shown in millimeters
ORDERING GUIDE
Model1, 2
INL
LSB
DNL
LSB
Resolution
(Bits)
Temperature
Range
Package
Description
Package
Option
Ordering
Qty
AD5545BRUZ
±2
±1
16
−40°C to +85°C
16-Lead TSSOP
RU-16
96
AD5545BRUZ-REEL7
±2
±1
16
−40°C to +85°C
16-Lead TSSOP
RU-16
1000
AD5545CRUZ
±1
±1
16
−40°C to +85°C
16-Lead TSSOP
RU-16
96
AD5545CRUZ-REEL7
±1
±1
16
−40°C to +85°C
16-Lead TSSOP
RU-16
1000
AD5555CRU
±1
±1
14
−40°C to +85°C
16-Lead TSSOP
RU-16
96
AD5555CRU-REEL7
±1
±1
14
−40°C to +85°C
16-Lead TSSOP
RU-16
1000
AD5555CRUZ
±1
±1
14
−40°C to +85°C
16-Lead TSSOP
RU-16
96
AD5555CRUZ-REEL7
±1
±1
14
−40°C to +85°C
16-Lead TSSOP
RU-16
1000
EV-AD5544/45SDZ
Evaluation Board
1
The AD5545/AD5555 contain 3131 transistors. The die size measures 71 mil. × 96 mil., 6816 sq. mil.
2
Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com