Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8021 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8021
Description  Dual, Current-Output, Serial-Input, 16-/14-Bit DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8021 Datasheet(HTML) 1 Page - Analog Devices

  AD8021 Datasheet HTML 1Page - Analog Devices AD8021 Datasheet HTML 2Page - Analog Devices AD8021 Datasheet HTML 3Page - Analog Devices AD8021 Datasheet HTML 4Page - Analog Devices AD8021 Datasheet HTML 5Page - Analog Devices AD8021 Datasheet HTML 6Page - Analog Devices AD8021 Datasheet HTML 7Page - Analog Devices AD8021 Datasheet HTML 8Page - Analog Devices AD8021 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Dual, Current-Output,
Serial-Input, 16-/14-Bit DACs
Data Sheet
AD5545/AD5555
Rev. G
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2003–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
16-bit resolution AD5545
14-bit resolution AD5555
±1 LSB DNL monotonic
±1 LSB INL
2 mA full-scale current ±20%, with VREF = 10 V
0.5 µs settling time
2Q multiplying reference-input 6.9 MHz BW
Zero or midscale power-up preset
Zero or midscale dynamic reset
3-wire interface
Compact 16-lead TSSOP package
APPLICATIONS
Automatic test equipment
Instrumentation
Digitally controlled calibration
Industrial control PLCs
Programmable attenuator
PRODUCT OVERVIEW
The AD5545/AD5555 are 16-bit/14-bit, current-output, digital-
to-analog converters designed to operate from a 4.5 V to 5.5 V
supply range.
An external reference is needed to establish the full-scale
output-current. An internal feedback resistor (RFB) enhances
the resistance and temperature tracking when combined
with an external op amp to complete the I-to-V conversion.
A serial data interface offers high speed, 3-wire microcontroller
compatible inputs using serial data in (SDI), clock (CLK), and
chip select (CS). Additional LDAC function allows
simultaneous update operation. The internal reset logic allows
power-on preset and dynamic reset at either zero or midscale,
depending on the state of the MSB pin.
The AD5545/AD5555 are packaged in the compact TSSOP-16
package and can be operated from −40°C to +85°C.
FUNCTIONAL BLOCK DIAGRAM
AD5545/
AD5555
VDD
RFBA
VREFB
VREFA
IOUTA
AGNDA
SDI
CS
CLK
DGND
MSB
RS
LDAC
DAC A
DAC A
B
D0..DX
EN
R
R
R
R
16 OR 14
ADDR
DECODE
INPUT
REGISTER
POWER-
ON
RESET
INPUT
REGISTER
DAC A
REGISTER
DAC B
REGISTER
RFBB
IOUTB
AGNDB
DAC B
02918- 0- 001
Figure 1.


Similar Part No. - AD8021

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8021 AD-AD8021 Datasheet
467Kb / 20P
Low Noise, High Speed Amplifier for 16-Bit Systems
10/03-Data Sheet changed from REV. C to REV. D.
AD8021 AD-AD8021 Datasheet
860Kb / 32P
Dual 8-,10-,12-Bit High Bandwidth Multiplying DACs with Serial Interface
7/04-Revision 0
AD8021 AD-AD8021 Datasheet
868Kb / 32P
14-Bit, 1 MSPS, Differential, Programmable Input PulSAR ADC
REV. 0
AD8021 AD-AD8021 Datasheet
585Kb / 28P
Low Noise, High Speed Amplifier for 16-Bit Systems
Rev. F
AD8021 AD-AD8021 Datasheet
515Kb / 28P
1 nV/?숰z, Low Power, Rail-to-Rail Output Amplifiers
REV. 0
More results

Similar Description - AD8021

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5544 AD-AD5544 Datasheet
473Kb / 16P
Quad, Current-Output Serial-Input, 16-Bit/14-Bit DACs
AD5544 AD-AD5544_04 Datasheet
909Kb / 20P
Quad, Current-Output, Serial-Input 16-/14-Bit DACs
REV. A
AD5543 AD-AD5543_12 Datasheet
582Kb / 20P
Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5544 AD-AD5544_12 Datasheet
694Kb / 24P
Quad, Current-Output, Serial-Input 16-/14-Bit DACs
Rev. G
AD5544ARSZ AD-AD5544ARSZ Datasheet
875Kb / 28P
Quad, Current-Output, Serial-Input 16-/14-Bit DACs
REV. F
AD5544 AD-AD5544_13 Datasheet
735Kb / 24P
Quad, Current-Output, Serial-Input 16-/14-Bit DACs
Rev. G
AD5543 AD-AD5543_15 Datasheet
582Kb / 20P
Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5553 AD-AD5553_15 Datasheet
582Kb / 20P
Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5544 AD-AD5544_15 Datasheet
747Kb / 24P
Quad, Current-Output, Serial-Input 16-/14-Bit DACs
9/15-Rev. G to Rev. H
AD5545 AD-AD5545_16 Datasheet
977Kb / 23P
Dual, Current-Output, Serial-Input, 16-/14-Bit DACs
1/16-Rev. H to Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com