Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5304ARM Datasheet(PDF) 15 Page - Analog Devices

Part # AD5304ARM
Description  2.5 V to 5.5 V, 500 關A, Quad Voltage Output 8-/10-/12-Bit DACs in 10-Lead Packages
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5304ARM Datasheet(HTML) 15 Page - Analog Devices

Back Button AD5304ARM Datasheet HTML 11Page - Analog Devices AD5304ARM Datasheet HTML 12Page - Analog Devices AD5304ARM Datasheet HTML 13Page - Analog Devices AD5304ARM Datasheet HTML 14Page - Analog Devices AD5304ARM Datasheet HTML 15Page - Analog Devices AD5304ARM Datasheet HTML 16Page - Analog Devices AD5304ARM Datasheet HTML 17Page - Analog Devices AD5304ARM Datasheet HTML 18Page - Analog Devices AD5304ARM Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Data Sheet
AD5304/AD5314/AD5324
Rev. H | Page 15 of 24
BIT15
(MSB)
A1
A0
D7
D6 D5 D4 D3
D2
D1
D0
0
0
X
X
BIT0
(LSB)
PD LDAC
DATA BITS
Figure 32. AD5304 Input Shift Register Contents
BIT15
(MSB)
BIT0
(LSB)
A1
A0
D7
D8
D9
D6
D5 D4
D3
D2
D1
D0
X
X
PD LDAC
DATA BITS
Figure 33. AD5314 Input Shift Register Contents
BIT15
(MSB)
BIT0
(LSB)
A1
A0
D7
D8
D9
D10
D11
D6
D5 D4
D3
D2
D1
D0
PD LDAC
DATA BITS
Figure 34. AD5324 Input Shift Register Contents
Input Shift Register
The input shift register is 16 bits wide. Data is loaded into the
device as a 16-bit word under the control of a serial clock input,
SCLK. See Figure 2 for the timing diagram of this operation. The
16-bit word consists of four control bits followed by 8, 10, or 12
bits of DAC data, depending on the device type. Data is loaded
MSB first (Bit 15) and the first two bits determine whether the
data is for DAC A, DAC B, DAC C, or DAC D. Bit 13 and Bit 12
control the operating mode of the DAC. Bit 13 is PD, and deter-
mines whether the part is in normal or power-down mode. Bit 12 is
LDAC, and controls when DAC registers and outputs are updated.
Table 6. Address Bits
A1
A0
DAC Addressed
0
0
DAC A
0
1
DAC B
1
0
DAC C
1
1
DAC D
Address and Control Bits
PD
0: All four DACs go into power-down mode, consuming
only 200 nA @ 5 V. The DAC outputs enter a high
impedance state.
1: Normal operation.
LDAC
0: All four DAC registers and, therefore, all DAC outputs
updated simultaneously on completion of the write
sequence.
1: Only addressed input register is updated. There is
no change in the content of the DAC registers.
The AD5324 uses all 12 bits of DAC data; the AD5314 uses 10 bits
and ignores the 2 LSB Bits. The AD5304 uses eight bits and ignores
the last four bits. The data format is straight binary, with all 0s
corresponding to 0 V output and all 1s corresponding to full-scale
output (VREF − 1 LSB).
The SYNC input is a level-triggered input that acts as a frame
synchronization signal and chip enable. Data can be transferred
into the device only while SYNC is low. To start the serial data
transfer, take SYNC low, observing the minimum SYNC to SCLK
falling edge setup time, t4. After SYNC goes low, serial data shifts
into the device’s input shift register on the falling edges of SCLK
for 16 clock pulses. Any data and clock pulses after the 16th falling
edge of SCLK are ignored because the SCLK and DIN input buffers
are powered down. No further serial data transfer occurs until
SYNC is taken high and low again.
SYNC can be taken high after the falling edge of the 16th SCLK
pulse, observing the minimum SCLK falling edge to SYNC
rising edge time, t7.
After the end of the serial data transfer, data automatically transfers
from the input shift register to the input register of the selected
DAC. If SYNC is taken high before the 16th falling edge of SCLK,
the data transfer is aborted and the DAC input registers are not
updated.
When data has been transferred into three of the DAC input
registers, all DAC registers and all DAC outputs are simultaneously
updated by setting LDAC low when writing to the remaining
DAC input register.
Low Power Serial Interface
To reduce the power consumption of the device even further, the
interface fully powers up only when the device is being written
to, that is, on the falling edge of SYNC. As soon as the 16-bit
control word has been written to the part, the SCLK and DIN
input buffers are powered down. They power up again only
following a falling edge of SYNC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com