Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5314ARM Datasheet(PDF) 13 Page - Analog Devices

Part # AD5314ARM
Description  2.5 V to 5.5 V, 500 關A, Quad Voltage Output 8-/10-/12-Bit DACs in 10-Lead Packages
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5314ARM Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5314ARM Datasheet HTML 9Page - Analog Devices AD5314ARM Datasheet HTML 10Page - Analog Devices AD5314ARM Datasheet HTML 11Page - Analog Devices AD5314ARM Datasheet HTML 12Page - Analog Devices AD5314ARM Datasheet HTML 13Page - Analog Devices AD5314ARM Datasheet HTML 14Page - Analog Devices AD5314ARM Datasheet HTML 15Page - Analog Devices AD5314ARM Datasheet HTML 16Page - Analog Devices AD5314ARM Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Data Sheet
AD5304/AD5314/AD5324
Rev. H | Page 13 of 24
DAC CODE
GAIN ERROR
PLUS
OFFSET ERROR
OUTPUT
VOLTAGE
NEGATIVE
OFFSET
ERROR
ACTUAL
IDEAL
NEGATIVE
OFFSET
ERROR
AMPLIFIER
FOOTROOM
(1mV)
DEAD BAND
CODES
Figure 28. Transfer Function with Negative Offset
ACTUAL
IDEAL
DAC CODE
POSITIVE
OFFSET
OUTPUT
VOLTAGE
GAIN ERROR
PLUS
OFFSET ERROR
Figure 29. Transfer Function with Positive Offset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com