Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8629ARMZ Datasheet(PDF) 15 Page - Analog Devices

Part # AD8629ARMZ
Description  Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8629ARMZ Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8629ARMZ Datasheet HTML 11Page - Analog Devices AD8629ARMZ Datasheet HTML 12Page - Analog Devices AD8629ARMZ Datasheet HTML 13Page - Analog Devices AD8629ARMZ Datasheet HTML 14Page - Analog Devices AD8629ARMZ Datasheet HTML 15Page - Analog Devices AD8629ARMZ Datasheet HTML 16Page - Analog Devices AD8629ARMZ Datasheet HTML 17Page - Analog Devices AD8629ARMZ Datasheet HTML 18Page - Analog Devices AD8629ARMZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
AD8628/AD8629/AD8630
Rev. I | Page 15 of 24
PEAK-TO-PEAK NOISE
Because of the ping-pong action between auto-zeroing and
chopping, the peak-to-peak noise of the AD8628/AD8629/
AD8630 is much lower than the competition. Figure 50 and
Figure 51 show this comparison.
en p-p = 0.5µV
BW = 0.1Hz TO 10Hz
TIME (1s/DIV)
Figure 50. AD8628 Peak-to-Peak Noise
en p-p = 2.3µV
BW = 0.1Hz TO 10Hz
TIME (1s/DIV)
Figure 51. Competitor A Peak-to-Peak Noise
NOISE BEHAVIOR WITH FIRST-ORDER, LOW-PASS
FILTER
The AD8628 was simulated as a low-pass filter (see Figure 53)
and then configured as shown in Figure 52. The behavior of the
AD8628 matches the simulated data. It was verified that noise is
rolled off by first-order filtering. Figure 53 and Figure 54 show
the difference between the simulated and actual transfer functions
of the circuit shown in Figure 52.
470pF
OUT
100kΩ
IN
1kΩ
Figure 52. First-Order Low-Pass Filter Test Circuit,
×101 Gain and 3 kHz Corner Frequency
FREQUENCY (kHz)
50
45
40
35
30
25
15
10
5
20
0
0
30
60
100
90
80
70
50
40
20
10
Figure 53. Simulation Transfer Function of the Test Circuit in Figure 52
FREQUENCY (kHz)
50
45
40
35
30
25
15
10
5
20
0
0
30
60
100
90
80
70
50
40
20
10
Figure 54. Actual Transfer Function of the Test Circuit in Figure 52
The measured noise spectrum of the test circuit charted in
Figure 54 shows that noise between 5 kHz and 45 kHz is
successfully rolled off by the first-order filter.
TOTAL INTEGRATED INPUT-REFERRED NOISE FOR
FIRST-ORDER FILTER
For a first-order filter, the total integrated noise from the
AD8628 is lower than the noise of Competitor A.
3dB FILTER BANDWIDTH (Hz)
10
1
0.1
10
100
10k
1k
COMPETITOR A
AD8551
AD8628
Figure 55. RMS Noise vs. 3 dB Filter Bandwidth in Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com