Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8629WARZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8629WARZ-R7
Description  Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8629WARZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8629WARZ-R7 Datasheet HTML 13Page - Analog Devices AD8629WARZ-R7 Datasheet HTML 14Page - Analog Devices AD8629WARZ-R7 Datasheet HTML 15Page - Analog Devices AD8629WARZ-R7 Datasheet HTML 16Page - Analog Devices AD8629WARZ-R7 Datasheet HTML 17Page - Analog Devices AD8629WARZ-R7 Datasheet HTML 18Page - Analog Devices AD8629WARZ-R7 Datasheet HTML 19Page - Analog Devices AD8629WARZ-R7 Datasheet HTML 20Page - Analog Devices AD8629WARZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
AD8628/AD8629/AD8630
Rev. I | Page 17 of 24
TIME (500µs/DIV)
VOUT
0V
0V
VIN
CH1 = 50mV/DIV
CH2 = 1V/DIV
AV = –50
Figure 59. Negative Input Overload Recovery for the AD8628
TIME (500µs/DIV)
VOUT
0V
0V
VIN
CH1 = 50mV/DIV
CH2 = 1V/DIV
AV = –50
Figure 60. Negative Input Overload Recovery for Competitor A
TIME (500µs/DIV)
VOUT
0V
0V
VIN
CH1 = 50mV/DIV
CH2 = 1V/DIV
AV = –50
Figure 61. Negative Input Overload Recovery for Competitor B
The results shown in Figure 56 to Figure 61 are summarized in
Table 5.
Table 5. Overload Recovery Time
Model
Positive Overload
Recovery (μs)
Negative Overload
Recovery (μs)
AD8628
6
9
Competitor A
650
25,000
Competitor B
40,000
35,000
INFRARED SENSORS
Infrared (IR) sensors, particularly thermopiles, are increasingly
being used in temperature measurement for applications as wide
ranging as automotive climate control, human ear thermometers,
home insulation analysis, and automotive repair diagnostics.
The relatively small output signal of the sensor demands high
gain with very low offset voltage and drift to avoid dc errors.
If interstage ac coupling is used, as in Figure 62, low offset and
drift prevent the output of the input amplifier from drifting close to
saturation. The low input bias currents generate minimal errors
from the output impedance of the sensor. As with pressure sensors,
the very low amplifier drift with time and temperature eliminate
additional errors once the temperature measurement is calibrated.
The low 1/f noise improves SNR for dc measurements taken
over periods often exceeding one-fifth of a second.
Figure 62 shows a circuit that can amplify ac signals from 100 μV to
300 μV up to the 1 V to 3 V levels, with a gain of 10,000 for
accurate analog-to-digital conversion.
5V
100kΩ
10kΩ
5V
100µV TO 300µV
100Ω
TO BIAS
VOLTAGE
10kΩ
fC ≈ 1.6Hz
IR
DETECTOR
100kΩ
10µF
1/2 AD8629
1/2 AD8629
Figure 62. AD8629 Used as Preamplifier for Thermopile



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com