Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33FJMC302ISO Datasheet(PDF) 38 Page - Microchip Technology

Part # DSPIC33FJMC302ISO
Description  16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJMC302ISO Datasheet(HTML) 38 Page - Microchip Technology

Back Button DSPIC33FJMC302ISO Datasheet HTML 34Page - Microchip Technology DSPIC33FJMC302ISO Datasheet HTML 35Page - Microchip Technology DSPIC33FJMC302ISO Datasheet HTML 36Page - Microchip Technology DSPIC33FJMC302ISO Datasheet HTML 37Page - Microchip Technology DSPIC33FJMC302ISO Datasheet HTML 38Page - Microchip Technology DSPIC33FJMC302ISO Datasheet HTML 39Page - Microchip Technology DSPIC33FJMC302ISO Datasheet HTML 40Page - Microchip Technology DSPIC33FJMC302ISO Datasheet HTML 41Page - Microchip Technology DSPIC33FJMC302ISO Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 330 page
background image
TABLE 4-8:
6-OUTPUT PWM1 REGISTER MAP
SFR Name
Addr.
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset State
P1TCON
01C0
PTEN
—PTSIDL
—
—
—
—
—
PTOPS<3:0>
PTCKPS<1:0>
PTMOD<1:0>
0000 0000 0000 0000
P1TMR
01C2
PTDIR
PWM Timer Count Value Register
0000 0000 0000 0000
P1TPER
01C4
—
PWM Time Base Period Register
0000 0000 0000 0000
P1SECMP
01C6 SEVTDIR
PWM Special Event Compare Register
0000 0000 0000 0000
PWM1CON1 01C8
—
—
—
—
—PMOD3
PMOD2
PMOD1
—
PEN3H
PEN2H
PEN1H
—
PEN3L
PEN2L
PEN1L 0000 0000 1111 1111
PWM1CON2 01CA
—
—
—
—
SEVOPS<3:0>
—
—
—
—
—
IUE
OSYNC
UDIS
0000 0000 0000 0000
P1DTCON1
01CC
DTBPS<1:0>
DTB<5:0>
DTAPS<1:0>
DTA<5:0>
0000 0000 0000 0000
P1DTCON2
01CE
—
—
—
—
—
—
—
—
—
—
DTS3A
DTS3I
DTS2A
DTS2I
DTS1A
DTS1I
0000 0000 0000 0000
P1FLTACON 01D0
—
—
FAOV3H FAOV3L FAOV2H FAOV2L FAOV1H FAOV1L
FLTAM
—
—
—
—
FAEN3
FAEN2
FAEN1 0000 0000 0000 0000
P1OVDCON 01D4
—
—
POVD3H POVD3L POVD2H POVD2L POVD1H POVD1L
—
—
POUT3H POUT3L POUT2H POUT2L POUT1H POUT1L 1111 1111 0000 0000
P1DC1
01D6
PWM Duty Cycle #1 Register
0000 0000 0000 0000
P1DC2
01D8
PWM Duty Cycle #2 Register
0000 0000 0000 0000
P1DC3
01DA
PWM Duty Cycle #3 Register
0000 0000 0000 0000
Legend:
u = uninitialized bit, — = unimplemented, read as ‘0’
TABLE 4-9:
2-OUTPUT PWM2 REGISTER MAP
SFR Name
Addr.
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset State
P2TCON
05C0
PTEN
—PTSIDL
—
—
—
—
—
PTOPS<3:0>
PTCKPS<1:0>
PTMOD<1:0>
0000 0000 0000 0000
P2TMR
05C2
PTDIR
PWM Timer Count Value Register
0000 0000 0000 0000
P2TPER
05C4
—
PWM Time Base Period Register
0000 0000 0000 0000
P2SECMP
05C6 SEVTDIR
PWM Special Event Compare Register
0000 0000 0000 0000
PWM2CON1 05C8
—
—
—
—
—
—
—PMOD1
—
—
—PEN1H
—
—
—
PEN1L 0000 0000 1111 1111
PWM2CON2 05CA
—
—
—
—
SEVOPS<3:0>
—
—
—
—
—
IUE
OSYNC
UDIS
0000 0000 0000 0000
P2DTCON1
05CC
DTBPS<1:0>
DTB<5:0>
DTAPS<1:0>
DTA<5:0>
0000 0000 0000 0000
P2DTCON2
05CE
—
—
—
—
—
—
—
—
—
—
—
—
—
—DTS1A
DTS1I
0000 0000 0000 0000
P2FLTACON 05D0
—
—
—
—
—
—
FAOV1H FAOV1L FLTAM
—
—
—
—
—
—FAEN1 0000 0000 0000 0000
P2OVDCON
05D4
—
—
—
—
—
—
POVD1H POVD1L
—
—
—
—
—
—
POUT1H POUT1L 1111 1111 0000 0000
P2DC1
05D6
PWM Duty Cycle #1 Register
0000 0000 0000 0000
Legend:
u = uninitialized bit, — = unimplemented, read as ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com