Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33FJMC302ISO Datasheet(PDF) 111 Page - Microchip Technology

Part # DSPIC33FJMC302ISO
Description  16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJMC302ISO Datasheet(HTML) 111 Page - Microchip Technology

Back Button DSPIC33FJMC302ISO Datasheet HTML 107Page - Microchip Technology DSPIC33FJMC302ISO Datasheet HTML 108Page - Microchip Technology DSPIC33FJMC302ISO Datasheet HTML 109Page - Microchip Technology DSPIC33FJMC302ISO Datasheet HTML 110Page - Microchip Technology DSPIC33FJMC302ISO Datasheet HTML 111Page - Microchip Technology DSPIC33FJMC302ISO Datasheet HTML 112Page - Microchip Technology DSPIC33FJMC302ISO Datasheet HTML 113Page - Microchip Technology DSPIC33FJMC302ISO Datasheet HTML 114Page - Microchip Technology DSPIC33FJMC302ISO Datasheet HTML 115Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 330 page
background image
© 2007-2012 Microchip Technology Inc.
DS70283K-page 111
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
9.0
POWER-SAVING FEATURES
The dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
devices provide the ability to manage power consumption
by selectively managing clocking to the CPU and the
peripherals. In general, a lower clock frequency and a
reduction in the number of circuits being clocked
constitutes
lower
consumed
power.
dsPIC33FJ32MC202/204
and
dsPIC33FJ16MC304
devices can manage power consumption in four different
ways:
• Clock frequency
• Instruction-based Sleep and Idle modes
• Software-controlled Doze mode
• Selective peripheral control in software
Combinations of these methods can be used to selec-
tively tailor an application’s power consumption while
still maintaining critical application features, such as
timing-sensitive communications.
9.1
Clock Frequency and Clock
Switching
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
devices allow a wide range of clock frequencies to be
selected under application control. If the system clock
configuration is not locked, users can choose
low-power or high-precision oscillators by simply
changing the NOSC bits (OSCCON<10:8>). The
process of changing a system clock during operation,
as well as limitations to the process, are discussed in
more
detail
in
Section 8.0
“Oscillator
Configuration”.
9.2
Instruction-Based Power-Saving
Modes
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
devices have two special power-saving modes that are
entered through the execution of a special PWRSAV
instruction. Sleep mode stops clock operation and halts
all code execution. Idle mode halts the CPU and code
execution, but allows peripheral modules to continue
operation. The assembler syntax of the PWRSAV
instruction is shown in Example 9-1.
Sleep and Idle modes can be exited as a result of an
enabled interrupt, WDT time-out or a device Reset. When
the device exits these modes, it is said to wake-up.
9.2.1
SLEEP MODE
The following occur in Sleep mode:
• The system clock source is shut down. If an
on-chip oscillator is used, it is turned off.
• The device current consumption is reduced to a
minimum, provided that no I/O pin is sourcing
current.
• The Fail-Safe Clock Monitor does not operate,
since the system clock source is disabled.
• The LPRC clock continues to run in Sleep mode if
the WDT is enabled.
• The WDT, if enabled, is automatically cleared
prior to entering Sleep mode.
• Some device features or peripherals may continue
to operate. This includes items such as the input
change notification on the I/O ports, or peripherals
that use an external clock input.
• Any peripheral that requires the system clock
source for its operation is disabled.
The device will wake-up from Sleep mode on any of the
these events:
• Any interrupt source that is individually enabled
• Any form of device Reset
• A WDT time-out
On wake-up from Sleep mode, the processor restarts
with the same clock source that was active when Sleep
mode was entered.
EXAMPLE 9-1:
PWRSAV INSTRUCTION SYNTAX
Note 1: This data sheet summarizes the features
of the dsPIC33FJ32MC202/204 and
dsPIC33FJ16MC304 devices. It is not
intended
to
be
a
comprehensive
reference source. To complement the
information in this data sheet, refer to
Section 9. “Watchdog Timer and
Power-Saving Modes” (DS70196) the
“dsPIC33F/PIC24H Family Reference
Manual”, which is available from the
Microchip web site (www.microchip.com).
2: Some registers and associated bits
described in this section may not be
available on all devices. Refer to
Section 4.0 “Memory Organization” in
this data sheet for device-specific register
and bit information.
Note:
SLEEP_MODE and IDLE_MODE are con-
stants defined in the assembler include
file for the selected device.
PWRSAV #SLEEP_MODE
; Put the device into SLEEP mode
PWRSAV #IDLE_MODE
; Put the device into IDLE mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com