Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33FJ64MC706 Datasheet(PDF) 45 Page - Microchip Technology

Part # 33FJ64MC706
Description  dsPIC DSC High-Performance 16-Bit Digital Signal Controllers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

33FJ64MC706 Datasheet(HTML) 45 Page - Microchip Technology

Back Button 33FJ64MC706 Datasheet HTML 41Page - Microchip Technology 33FJ64MC706 Datasheet HTML 42Page - Microchip Technology 33FJ64MC706 Datasheet HTML 43Page - Microchip Technology 33FJ64MC706 Datasheet HTML 44Page - Microchip Technology 33FJ64MC706 Datasheet HTML 45Page - Microchip Technology 33FJ64MC706 Datasheet HTML 46Page - Microchip Technology 33FJ64MC706 Datasheet HTML 47Page - Microchip Technology 33FJ64MC706 Datasheet HTML 48Page - Microchip Technology 33FJ64MC706 Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 90 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS70155C-page 43
dsPIC33F
10.2
MPLAB ASM30 Assembler/Linker/
Librarian
MPLAB ASM30 is a full-featured macro assembler.
User-defined macros, conditional assembly and a
variety of assembler directives make the MPLAB
ASM30 a powerful code generation tool.
The accompanying MPLAB LINK30 Linker and MPLAB
LIB30 Librarian modules allow efficient linking, library
creation and maintenance.
Notable features of the assembler include:
• Support for the entire dsPIC DSC instruction set
• Support for fixed-point and floating-point data
• Available for Windows operating system
• Command Line Interface
• Rich Directive Set
• Flexible Macro Language
• MPLAB IDE compatibility
Notable features of the linker include:
• Automatic or user-defined stack allocation
• Supports dsPIC DSC Program Space Visibility
(PSV) window
• Available for Windows operating systems
• Command Line Interface
• Linker scripts for all dsPIC DSC devices
• MPLAB IDE compatibility
10.3
MPLAB SIM Software Simulator
The MPLAB SIM software simulator provides code
development for the dsPIC33F family in a PC-hosted
environment by simulating the dsPIC33F device on an
instruction level. On any instruction, you can examine
or modify the data areas and apply stimuli to any of the
pins from a file or by pressing a user-defined key.
The execution can be performed in Single-Step,
Execute-Until-Break or Trace mode. The MPLAB SIM
software simulator fully supports symbolic debugging
using the MPLAB C30 C compiler and assembler. The
software simulator gives you the flexibility to develop
and debug code outside of the laboratory environment,
making
it
an
excellent
multi-project
software
development tool. Complex stimuli can be injected from
files, synchronous clocks or user-defined keys. Output
files log register activity for sophisticated post analysis.
Besides modeling the behavior of the CPU, MPLAB
SIM also supports the following peripherals:
10.4
MPLAB Visual Device Initializer
The MPLAB Visual Device Initializer (VDI) simplifies
the task of configuring the dsPIC33F. MPLAB VDI
software allows you to configure the entire processor
graphically (see Figure 10-2). And when you’re done, a
mouse click generates your code in assembly or
‘C’ code.
MPLAB
VDI
performs
extensive
error
checking on assignments and conflicts on pins,
memories and interrupts, as well as selection of
operating
conditions.
Generated
code
files
are
integrated seamlessly with the rest of our application
code through MPLAB Project.
Detailed
resource
assignment
and
configuration
reports simplify project documentation. Key features of
MPLAB VDI include:
• Drag-and-drop feature selection
• One click configuration
• Extensive error checking
• Generates initialization code in the form of a
‘C’ callable assembly function
• Integrates seamlessly in MPLAB Project
• Printed reports ease project documentation
requirements
• MPLAB Visual Device Initializer is an MPLAB
plug-in and can be installed independently of
MPLAB IDE
FIGURE 10-2:
MPLAB® VDI DISPLAY
• Timers
• Motor Control PWM
• Input Capture
• UART
• 12-Bit ADC
• I/O Ports
• 10-Bit ADC
• Program Flash



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com