Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF49XA-I/T Datasheet(PDF) 31 Page - Microchip Technology

Part # MRF49XA-I/T
Description  ISM Band Sub-GHz RF Transceiver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF49XA-I/T Datasheet(HTML) 31 Page - Microchip Technology

Back Button MRF49XA-I/T Datasheet HTML 27Page - Microchip Technology MRF49XA-I/T Datasheet HTML 28Page - Microchip Technology MRF49XA-I/T Datasheet HTML 29Page - Microchip Technology MRF49XA-I/T Datasheet HTML 30Page - Microchip Technology MRF49XA-I/T Datasheet HTML 31Page - Microchip Technology MRF49XA-I/T Datasheet HTML 32Page - Microchip Technology MRF49XA-I/T Datasheet HTML 33Page - Microchip Technology MRF49XA-I/T Datasheet HTML 34Page - Microchip Technology MRF49XA-I/T Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 102 page
background image
© 2009-2011 Microchip Technology Inc.
Preliminary
DS70590C-page 31
MRF49XA
REGISTER 2-9:
RXFIFOREG: RECEIVER FIFO READ REGISTER (POR: 0xB000)
W-1
W-0
W-1
W-1
W-0
W-0
W-0
W-0
CCB<15:8>
bit 15
bit 8
W-0
W-0
W-0
W-0
W-0
W-0
W-0
W-0
RXDB<7:0>
bit 7
bit 0
Legend:
r = reserved bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-8
CCB<15:8>: Command Code bits
The command code bits (10110000b) are serially sent to the microcontroller to identify the bits to be
written in the RXFIFOREG.
bit 7-0
RXDB<7:0>: Receiver Data Byte bits
These are the recovered data bits stored in the FIFO. The controller can read 8 bits from the receiver
FIFO over the SPI bus. The FIFOEN bit (GENCREG<6>) should be set to receive these bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com