Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF49XAT-I/ST Datasheet(PDF) 86 Page - Microchip Technology

Part # MRF49XAT-I/ST
Description  ISM Band Sub-GHz RF Transceiver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF49XAT-I/ST Datasheet(HTML) 86 Page - Microchip Technology

Back Button MRF49XAT-I/ST Datasheet HTML 82Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 83Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 84Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 85Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 86Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 87Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 88Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 89Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 90Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 102 page
background image
MRF49XA
DS70590C-page 86
Preliminary
© 2009-2011 Microchip Technology Inc.
FIGURE 5-3:
BER CURVES IN 433 MHz BAND
FIGURE 5-4:
BER CURVES IN 868 MHz BAND
BER Curves in 433 MHz Band
1.0E-06
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E+00
-120
-115
-110
-105
-100
-95
-90
Input Power (dBm)
1.2k
9.6k
19.2k
115.2k
BER Curves in 868 MHz Band
1.0E-06
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E+00
-115
-110
-105
-100
-95
-90
-85
Input Power (dBm)
1.2k
9.6k
19.2k
115.2k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com