Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD22151YRZ Datasheet(PDF) 2 Page - Analog Devices

Part # AD22151YRZ
Description  Linear Output Magnetic Field Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD22151YRZ Datasheet(HTML) 2 Page - Analog Devices

  AD22151YRZ Datasheet HTML 1Page - Analog Devices AD22151YRZ Datasheet HTML 2Page - Analog Devices AD22151YRZ Datasheet HTML 3Page - Analog Devices AD22151YRZ Datasheet HTML 4Page - Analog Devices AD22151YRZ Datasheet HTML 5Page - Analog Devices AD22151YRZ Datasheet HTML 6Page - Analog Devices AD22151YRZ Datasheet HTML 7Page - Analog Devices AD22151YRZ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
REV. A
–2–
AD22151–SPECIFICATIONS (T
A = 25 C and V+ = 5 V, unless otherwise noted.)
Parameter
Min
Typ
Max
Unit
OPERATION
VCC Operating
4.5
5.0
6.0
V
ICC Operating
6.0
10
mA
INPUT
TC3 (Pin 3) Sensitivity/Volt
160
mV/G/V
Input Range
1
V
CC
2
05
± .
V
OUTPUT
2
Sensitivity (External Adjustment, Gain = +1)
0.4
mV/G
Linear Output Range
10
90
% of VCC
Output Min
5.0
% of VCC
Output Max (Clamp)
93
% of VCC
Drive Capability
1.0
mA
Offset @ 0 Gauss
V
CC
2
V
Offset Adjust Range
5.0
95
% of VCC
Output Short Circuit Current
5.0
mA
ACCURACIES
Nonlinearity (10% to 90% Range)
0.1
% FS
Gain Error (Over Temperature Range)
±1%
Offset Error (Over Temperature Range)
±6.0
G
Uncompensated Gain TC (GTCU)
950
ppm
RATIOMETRICITY ERROR
1.0
%V/VCC
3 dB ROLL-OFF (5 mV/G)
5.7
kHz
OUTPUT NOISE FIGURE (6 kHz BW)
2.4
mV/rms
PACKAGE
8-Lead SOIC
OPERATING TEMPERATURE RANGE
–40
+150
∞C
NOTES
1–40
∞C to +150∞C.
2R
L = 4.7 k
W.
Specifications subject to change without notice.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
AD22151 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS
*
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 V
Package Power Dissipation . . . . . . . . . . . . . . . . . . . . . . 25 mW
Storage Temperature . . . . . . . . . . . . . . . . . . . –50
∞C to +160∞C
Output Sink Current, IO . . . . . . . . . . . . . . . . . . . . . . . . 15 mA
Magnetic Flux Density . . . . . . . . . . . . . . . . . . . . . . Unlimited
Lead Temperature (Soldering 10 sec) . . . . . . . . . . . . . . 300
∞C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to the absolute maximum
rating conditions for extended periods may affect device reliability.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description Option
AD22151YR
–40
∞C to +150∞C 8-Lead SOIC R-8
AD22151YR-REEL –40
∞C to +150∞C 8-Lead SOIC R-8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com