Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD22151 Datasheet(PDF) 1 Page - Analog Devices

Part # AD22151
Description  Linear Output Magnetic Field Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD22151 Datasheet(HTML) 1 Page - Analog Devices

  AD22151 Datasheet HTML 1Page - Analog Devices AD22151 Datasheet HTML 2Page - Analog Devices AD22151 Datasheet HTML 3Page - Analog Devices AD22151 Datasheet HTML 4Page - Analog Devices AD22151 Datasheet HTML 5Page - Analog Devices AD22151 Datasheet HTML 6Page - Analog Devices AD22151 Datasheet HTML 7Page - Analog Devices AD22151 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
AD22151
Linear Output
Magnetic Field Sensor
FEATURES
Adjustable Offset to Unipolar or Bipolar Operation
Low Offset Drift over Temperature Range
Gain Adjustable over Wide Range
Low Gain Drift over Temperature Range
Adjustable First Order Temperature Compensation
Ratiometric to VCC
APPLICATIONS
Automotive
Throttle Position Sensing
Pedal Position Sensing
Suspension Position Sensing
Valve Position Sensing
Industrial
Absolute Position Sensing
Proximity Sensing
FUNCTIONAL BLOCK DIAGRAM
TEMP REF
ISOURCE
DEMOD
SWITCHES
OUT AMP
REF
VCC/2
AD22151
GENERAL DESCRIPTION
The AD22151 is a linear magnetic field transducer. The sensor
output is a voltage proportional to a magnetic field applied
perpendicularly to the package top surface.
The sensor combines integrated bulk Hall cell technology and
instrumentation circuitry to minimize temperature related drifts
associated with silicon Hall cell characteristics. The architecture
maximizes the advantages of a monolithic implementation while
allowing sufficient versatility to meet varied application require-
ments with a minimum number of components.
Principal features include dynamic offset drift cancellation
and a built-in temperature sensor. Designed for single 5 V
supply operation, the AD22151 achieves low drift offset and
gain operation over –40
∞C to +150∞C. Temperature compensa-
tion can accommodate a number of magnetic materials commonly
utilized in economic position sensor assemblies.
The transducer can be configured for specific signal gains to
meet various application requirements. Output voltage can be
adjusted from fully bipolar (reversible) field operation to fully
unipolar field sensing.
The voltage output achieves near rail-to-rail dynamic range,
capable of supplying 1 mA into large capacitive loads. The
signal is ratiometric to the positive supply rail in all configurations.
NC
R1
GND
R3
R2
VCC
AD22151
NC = NO CONNECT
OUTPUT
0.1 F
Figure 1. Typical Bipolar Configuration with Low
(< –500 ppm) Compensation
NC
R1
GND
R3
R2
VCC
AD22151
NC = NO CONNECT
OUTPUT
0.1 F
R4
Figure 2. Typical Unipolar Configuration with
High (
–2000 ppm) Compensation


Similar Part No. - AD22151

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD22151 AD-AD22151 Datasheet
118Kb / 8P
Linear Output Magnetic Field Sensor
AD22151 AD-AD22151 Datasheet
2Mb / 13P
Analog Devices Wiki
7/12/22
AD22151YR AD-AD22151YR Datasheet
118Kb / 8P
Linear Output Magnetic Field Sensor
AD22151 AD-AD22151_15 Datasheet
270Kb / 8P
Linear Output Magnetic Field Sensor
REV. A
More results

Similar Description - AD22151

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
KMZ50 PHILIPS-KMZ50 Datasheet
59Kb / 8P
Magnetic field sensor
1998 Mar 24
KMZ51 PHILIPS-KMZ51 Datasheet
61Kb / 8P
Magnetic field sensor
1998 Mar 24
logo
Analog Devices
AD22151 AD-AD22151 Datasheet
118Kb / 8P
Linear Output Magnetic Field Sensor
logo
NXP Semiconductors
KMZ52 PHILIPS-KMZ52 Datasheet
65Kb / 12P
Magnetic Field Sensor
2000 Jun 09
KMZ43T PHILIPS-KMZ43T Datasheet
60Kb / 9P
Magnetic field sensor
2003 Sep 15
KMZ41 NXP-KMZ41 Datasheet
78Kb / 10P
Magnetic field sensor
Rev. 05-27 November 2006
KMZ43T NXP-KMZ43T Datasheet
68Kb / 8P
Magnetic field sensor
Rev. 05-4 March 2009
logo
Analog Devices
AD22151 AD-AD22151_15 Datasheet
270Kb / 8P
Linear Output Magnetic Field Sensor
REV. A
logo
Pepperl+Fuchs Inc.
50FY41-V4A-12-KIT PF-50FY41-V4A-12-KIT Datasheet
402Kb / 2P
Magnetic field sensor
2022-07-13
50FY41-V4A-6 PF-50FY41-V4A-6 Datasheet
427Kb / 2P
Magnetic field sensor
2022-06-30
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com