Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33FJMC202IMM Datasheet(PDF) 35 Page - Microchip Technology

Part # DSPIC33FJMC202IMM
Description  16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJMC202IMM Datasheet(HTML) 35 Page - Microchip Technology

Back Button DSPIC33FJMC202IMM Datasheet HTML 31Page - Microchip Technology DSPIC33FJMC202IMM Datasheet HTML 32Page - Microchip Technology DSPIC33FJMC202IMM Datasheet HTML 33Page - Microchip Technology DSPIC33FJMC202IMM Datasheet HTML 34Page - Microchip Technology DSPIC33FJMC202IMM Datasheet HTML 35Page - Microchip Technology DSPIC33FJMC202IMM Datasheet HTML 36Page - Microchip Technology DSPIC33FJMC202IMM Datasheet HTML 37Page - Microchip Technology DSPIC33FJMC202IMM Datasheet HTML 38Page - Microchip Technology DSPIC33FJMC202IMM Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 330 page
background image
MODCON
0046
XMODEN
YMODEN
—
—
BWM<3:0>
YWM<3:0>
XWM<3:0>
0000
XMODSRT
0048
XS<15:1>
0xxxx
XMODEND
004A
XE<15:1>
1xxxx
YMODSRT
004C
YS<15:1>
0xxxx
YMODEND
004E
YE<15:1>
1xxxx
XBREV
0050
BREN
XB<14:0>
xxxx
DISICNT
0052
—
—
Disable Interrupts Counter Register
xxxx
TABLE 4-1:
CPU CORE REGISTERS MAP (CONTINUED)
SFR Name
SFR
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
Legend:
x = unknown value on Reset, — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
TABLE 4-2:
CHANGE NOTIFICATION REGISTER MAP FOR dsPIC33FJ32MC202
SFR
Name
SFR
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
CNEN1
0060
CN15IE
CN14IE
CN13IE
CN12IE
CN11IE
—
—
—
CN7IE
CN6IE
CN5IE
CN4IE
CN3IE
CN2IE
CN1IE
CN0IE
0000
CNEN2
0062
—
CN30IE
CN29IE
—
CN27IE
—
—
CN24IE
CN23IE
CN22IE
CN21IE
—
—
—
—
CN16IE
0000
CNPU1
0068
CN15PUE CN14PUE CN13PUE CN12PUE CN11PUE
—
—
—
CN7PUE
CN6PUE
CN5PUE
CN4PUE
CN3PUE
CN2PUE
CN1PUE
CN0PUE
0000
CNPU2
006A
—
CN30PUE CN29PUE
—
CN27PUE
—
—
CN24PUE CN23PUE CN22PUE CN21PUE
—
—
—
—
CN16PUE
0000
Legend:
x = unknown value on Reset, — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
TABLE 4-3:
CHANGE NOTIFICATION REGISTER MAP FOR dsPIC33FJ32MC204 and dsPIC33FJ16MC304
SFR
Name
SFR
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9Bit 8Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0
All
Resets
CNEN1
0060
CN15IE
CN14IE
CN13IE
CN12IE
CN11IE
CN10IE
CN9IE
CN8IE
CN7IE
CN6IE
CN5IE
CN4IE
CN3IE
CN2IE
CN1IE
CN0IE
0000
CNEN2
0062
—
CN30IE
CN29IE
CN28IE
CN27IE
CN26IE
CN25IE
CN24IE
CN23IE
CN22IE
CN21IE
CN20IE
CN19IE
CN18IE
CN17IE
CN16IE
0000
CNPU1
0068
CN15PUE CN14PUE CN13PUE CN12PUE CN11PUE CN10PUE CN9PUE CN8PUE CN7PUE CN6PUE CN5PUE CN4PUE CN3PUE CN2PUE CN1PUE CN0PUE
0000
CNPU2
006A
—
CN30PUE CN29PUE CN28PUE CN27PUE CN26PUE CN25PUE CN24PUE CN23PUE CN22PUE CN21PUE CN20PUE CN19PUE CN18PUE CN17PUE CN16PUE
0000
Legend:
x = unknown value on Reset, — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com