Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP9808-E/MC Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP9808-E/MC
Description  0.5째C Maximum Accuracy Digital Temperature Sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9808-E/MC Datasheet(HTML) 5 Page - Microchip Technology

  MCP9808-E/MC Datasheet HTML 1Page - Microchip Technology MCP9808-E/MC Datasheet HTML 2Page - Microchip Technology MCP9808-E/MC Datasheet HTML 3Page - Microchip Technology MCP9808-E/MC Datasheet HTML 4Page - Microchip Technology MCP9808-E/MC Datasheet HTML 5Page - Microchip Technology MCP9808-E/MC Datasheet HTML 6Page - Microchip Technology MCP9808-E/MC Datasheet HTML 7Page - Microchip Technology MCP9808-E/MC Datasheet HTML 8Page - Microchip Technology MCP9808-E/MC Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
© 2011 Microchip Technology Inc.
DS25095A-page 5
MCP9808
TIMING DIAGRAM
SENSOR SERIAL INTERFACE TIMING SPECIFICATIONS
Electrical Specifications: Unless otherwise indicated, V
DD = 2.7V to 5.5V, TA = -40°C to +125°C, GND = Ground
and CL = 80 pF. (Note 1)
Parameters
Sym
Min
Max
Units
Conditions
2-Wire SMBus/Standard Mode I2C™ Compatible Interface (Note 1)
Serial Port Clock Frequency
fSC
0400
kHz
(Note 2, 4)
Low Clock
tLOW
1300
—
ns
(Note 2)
High Clock
tHIGH
600
—
ns
(Note 2)
Rise Time
tR
20
300
ns
Fall Time
tF
20
300
ns
Data in Setup Time
tSU-DI
100
—
ns
(Note 3)
Data In Hold Time
tHD-DI
0—
ns
(Note 5)
Data Out Hold Time
tHD-DO
200
900
ns
(Note 4)
Start Condition Setup Time
tSU-START
600
—
ns
Start Condition Hold Time
tHD-START
600
—
ns
Stop Condition Setup Time
tSU-STOP
600
—
ns
Bus Free
tB-FREE
1300
—
ns
Time-out
tOUT
25
35
ms
Bus Capacitive Load
Cb
—400
pf
Note 1:
All values referred to VIL MAX and VIH MIN levels.
2:
If tLOW > tOUT or tHIGH > tOUT, the temperature sensor I
2C interface will time-out. A Repeat Start command
is required for communication.
3:
This device can be used in a Standard mode I2C bus system, but the requirement, tSU-DI ≥ 100 ns, must
be met. This device does not stretch the SCL Low time.
4:
As a transmitter, the device provides internal minimum delay time, tHD-DO MIN, to bridge the undefined
region (min. 200 ns) of the falling edge of SCL, tF MAX, to avoid unintended generation of Start or Stop
conditions.
5:
As a receiver, SDA should not be sampled at the falling edge of SCL. SDA can transition tHD-DI 0 ns after
SCL toggles Low.
tSU-START
tHD-START
tSU-DI
tSU-STOP
tB-FREE
SCL
SDA
tHD-DI/tHD-DO
tHIGH
tLOW
tOUT
tR, tF
START Condition
Data Transmission
STOP Condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com