Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP7940NT-I/ST Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP7940NT-I/ST
Description  Low-Cost I2C Real-Time Clock/Calendar with SRAM and Battery Switchover
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP7940NT-I/ST Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP7940NT-I/ST Datasheet HTML 2Page - Microchip Technology MCP7940NT-I/ST Datasheet HTML 3Page - Microchip Technology MCP7940NT-I/ST Datasheet HTML 4Page - Microchip Technology MCP7940NT-I/ST Datasheet HTML 5Page - Microchip Technology MCP7940NT-I/ST Datasheet HTML 6Page - Microchip Technology MCP7940NT-I/ST Datasheet HTML 7Page - Microchip Technology MCP7940NT-I/ST Datasheet HTML 8Page - Microchip Technology MCP7940NT-I/ST Datasheet HTML 9Page - Microchip Technology MCP7940NT-I/ST Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
MCP7940N
DS25010E-page 6
 2011-2013 Microchip Technology Inc.
2.0
DC AND AC
CHARACTERISTICS GRAPHS
AND CHARTS
FIGURE 2-1:
IBAT VS. VBAT
FIGURE 2-2:
IVCC ACTIVE VS. VCC @ 25°C
VBAT (V)
-40
0
25
65
85
1
1.5
2
2.5
3
3.5
4
1400
1300
1200
1100
1000
900
800
700
600
500
400
VCC (V)
16
14
12
10
8
6
4
2
0
1.5
2.5
3.5
4.5
5.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com