Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECKATS103KB Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ECKATS103KB
Description  Ceramic Disc Capacitors (Safety Regulations) Flame-retardant insulating coating applied
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECKATS103KB Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ECKATS103KB Datasheet HTML 1Page - Panasonic Semiconductor ECKATS103KB Datasheet HTML 2Page - Panasonic Semiconductor ECKATS103KB Datasheet HTML 3Page - Panasonic Semiconductor ECKATS103KB Datasheet HTML 4Page - Panasonic Semiconductor ECKATS103KB Datasheet HTML 5Page - Panasonic Semiconductor ECKATS103KB Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
* Same dimensions as Type N0, N1 except for special dimensions.
l Kinked Lead Type
D
Bd
BD0
,h1
,h2
T
P
P0
P2
P1
F
Bd
D
T
F
d
±0.05
P
D
P1
P2
P0
F
l Kinked Lead Taping
  Type N0, N1
  Type N2 *
Under kinked lead style are applied to only 3300 pF and over have a
lead space (F) 7.5 mm of Type TS
F
Ceramic Disc Capacitors (Safety Regulations)
n Dimensions in mm (not to scale)
Standard lead style are kinked Lead and Kinked Lead Taping as below.
N0
N1
N2
Symbol   
P
12.7±1.0
15.0±2.0
30.0±2.0
P0
12.7±0.3
15.0±0.3
F
5.0±0.8
7.5±1.0
P1
3.85±0.70
3.75±0.80
P2
6.35±1.30
7.5±1.5
D
To comply with each individual specification
W
18.0
W0
10.0 min.
W1
9.0±0.5
W2
3.0 max.
H0
18.0
e
4.0 max.
fD0
4.0±0.2
fd
0.60±0.05
0.65±0.05
t1
0.6±0.3
t2
1.5 max.
T
To comply with each individual specification
Æh1, Æh2
2.0 max.
L
11.0 max.
+1.0
Ð0.5
+2.0
0
Taping
Type
Dim. F(Nominal)
Tolerance of Dim. F
5.0
±1.0
7.5
±1.5
10.0
±1.5
(
for Type NSÐA)
Note:Tolerance of Lead Space
+1.5
Ð1.0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com