| Electronic Components Datasheet Search |
|
HCS200T-I/P Datasheet(PDF) 21 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
HCS200T-I/P Datasheet(HTML) 21 Page - Microchip Technology |
|
21 / 34 page ![]() © 2011 Microchip Technology Inc. DS40138D-page 21 HCS200 FIGURE 9-2: POWER-UP AND TRANSMIT TIMING TABLE 9-2: POWER-UP AND TRANSMIT TIMING(2) FIGURE 9-3: CODE WORD FORMAT VDD = +3.5 to 13.0V Commercial(C): Tamb = 0°C to +70°C Industrial(I): Tamb = -40°C to +85°C Symbol Parameter Min Max Unit Remarks TBP Time to second button press 10 + Code Word 26 + Code Word ms (Note 1) TTD Transmit delay from button detect 10 26 ms TDB Debounce Delay 6 15 ms TTO Auto-shutoff time-out period 20 120 s Note 1: TBP is the time in which a second button can be pressed without completion of the first code word and the intention was to press the combination of buttons. 2: Typical values - not tested in production. Button Press Sn Detect TDB Output TTD Multiple Code Word Transmission TTO Code Word 1 Code Word 2 Code Word 3 Code Word n TBP Code Word 4 PWM Input Button LOGIC ‘0’ LOGIC ‘1’ Bit Period Preamble Header Encrypted Portion of Transmission Fixed Portion of Transmission Guard Time TP TH THOP TFIX TG 50% Duty Cycle TBP TE TE TE |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |