Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS87C196CB20 Datasheet(PDF) 7 Page - Intel Corporation

Part # AS87C196CB20
Description  20 MHz Advanced 16-Bit CHMOS Microcontroller with Integrated CAN 2.0
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

AS87C196CB20 Datasheet(HTML) 7 Page - Intel Corporation

Back Button AS87C196CB20 Datasheet HTML 3Page - Intel Corporation AS87C196CB20 Datasheet HTML 4Page - Intel Corporation AS87C196CB20 Datasheet HTML 5Page - Intel Corporation AS87C196CB20 Datasheet HTML 6Page - Intel Corporation AS87C196CB20 Datasheet HTML 7Page - Intel Corporation AS87C196CB20 Datasheet HTML 8Page - Intel Corporation AS87C196CB20 Datasheet HTML 9Page - Intel Corporation AS87C196CB20 Datasheet HTML 10Page - Intel Corporation AS87C196CB20 Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
Production Datasheet
3
87C196CB - Automotive
3.0
Process Information
These devices are manufactured on P629.5, a CHMOS III-E process. Additional process and
reliability information is available in Intel's Components Quality and Reliability Handbook, Order
Number 210997.
All thermal impedance data is approximate for static air conditions at 1 W of power dissipation.
Values change depending on operation conditions and application. See the Intel Packaging
Handbook (order number 240800) for a description of Intel's thermal impedance test methodology.
Figure 2. The 87C196CB - Automotive Family Nomenclature
A4610-01
AX 87 CC
20
B
19 6
Frequency Designation:
20 = 20 MHz
No Mark = 16 MHz
7 = EPROM, OTP
Product Designation
Product Family
CHMOS Technology
Program Memory Options:
N = PLCC
(plastic leaded chip carrier)
S = QFP
(Quad Flatpack)
Package Type Options:
A = -40
˚C to +125˚C
ambient with
Intel Standard Burn-in
Temperature and Burn-in Options:
x x
x
x
x
Table 2. Thermal Characteristics
Device and Package
ΘJA
ΘJC
xx87C196CB
(84-Lead PLCC Package)
35°C/W
11°C/W
NOTES:
1.
ΘJA = Thermal resistance between junction and the surrounding environment (ambient) measurements are
taken 1 ft. away from case in air flow environment.
ΘJV = Thermal resistance between junction and package face (case).
2. All values of
ΘJA and ΘJC may fluctuate depending on the environment (with or without airflow, and how
much airflow)
3. and device power dissipation at temperature of operation. Typical variations are ± 2°C/W.
4. Values listed are at a maximum power dissipation of 1 W.
5. To address the fact that many of the package prefix variables have changed, all package prefix variables in
this document are now indicated with an "x".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com