Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIP32452 Datasheet(PDF) 11 Page - Vishay Telefunken

Part # SIP32452
Description  0.9 V to 2.5 V, 55 m Load Switch in WCSP4
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SIP32452 Datasheet(HTML) 11 Page - Vishay Telefunken

Back Button SIP32452 Datasheet HTML 5Page - Vishay Telefunken SIP32452 Datasheet HTML 6Page - Vishay Telefunken SIP32452 Datasheet HTML 7Page - Vishay Telefunken SIP32452 Datasheet HTML 8Page - Vishay Telefunken SIP32452 Datasheet HTML 9Page - Vishay Telefunken SIP32452 Datasheet HTML 10Page - Vishay Telefunken SIP32452 Datasheet HTML 11Page - Vishay Telefunken SIP32452 Datasheet HTML 12Page - Vishay Telefunken SIP32452 Datasheet HTML 13Page - Vishay Telefunken  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Package Information
www.vishay.com
Vishay Siliconix
Revision: 10-Oct-11
1
Document Number: 63459
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
WCSP4: 4 Bumps
(2 x 2 , 0.4 mm pitch, 208 μm bump height, 0.8 mm x 0.8 mm die size)
Notes
(1) Laser mark on the backside surface of die
(2) Bumps are SAC396
(3) 0.050 max. coplanarity
Note
a. Use millimeters as the primary measurement.
MILLIMETERSa
INCHES
DIM.
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
0.515
0.530
0.545
0.0202
0.0208
0.0214
A1
0.208
0.0081
b
0.250
0.260
0.270
0.0098
0.0102
0.0106
e
0.400
0.0157
D
0.720
0.760
0.800
0.0182
0.0193
0.0203
4 x Ø b
Bump Note 2
A
B
Pin 1 mark
W
B
A
12
1
2
A
B
Mark on backside of die
e
D
ECN: T11-0497-Rev. B, 10-Oct-11
DWG: 6004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com