Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZRO0736B2LF Datasheet(PDF) 1 Page - Z-Communications, Inc

Part # ZRO0736B2LF
Description  Voltage-Controlled Oscillator Digital communication systems
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZCOMM [Z-Communications, Inc]
Direct Link  http://www.zcomm.com
Logo ZCOMM - Z-Communications, Inc

ZRO0736B2LF Datasheet(HTML) 1 Page - Z-Communications, Inc

  ZRO0736B2LF Datasheet HTML 1Page - Z-Communications, Inc ZRO0736B2LF Datasheet HTML 2Page - Z-Communications, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LFSuffix = RoHS Compliant. All specifications are subject to change without notice.
© Z-Communications, Inc. All Rights Reserved.
Page 1 of 2
FRM-S-002 B
PHASE NOISE (1 Hz BW, typical)
OFFSET (Hz)
Performance Specifications
Typ
Units
Min
Max
2
-125
-24
.3
.06
100
50
Oscillation Frequency Range
Phase Noise @ 10 kHz offset (1 Hz BW)
Harmonic Suppression (2nd)
Tuning Voltage
Tuning Sensitivity (avg.)
Power Output
Load Impedance
Input Capacitance
Pushing
Pulling (
dB Return Loss, Any Phase)
Operating Temperature Range
MHz
dBc/Hz
dBc
Vdc
MHz/V
dBm
pF
MHz/V
MHz
°C
736
737
12
06
Package Style
711
85
-40
9
-18
Power Supply Requirements
Typ
Units
Min
Max
8
25
Vdc
mA
Supply Voltage (Vcc, nom.)
Supply Current (Icc)
30
Digital communication systems
Downconverters
•
•
•
Applications
Voltage-Controlled Oscillator
Surface Mount Module
ZRO0736B2LF
A1
Rev
Additional Notes
Application Notes
• AN-101: Mounting and Grounding
• AN-102: Output Loading
• AN-107: Manual Soldering
14118 Stowe Drive, Suite B | Poway, CA 92064
TEL: (858) 621-2700 | FAX: (858) 486-1927
URL: www.zcomm.com
EMAIL: applications@zcomm.com
ZMX-14-SM


Similar Part No. - ZRO0736B2LF

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
ZRO0736B2LF ZCOMM-ZRO0736B2LF Datasheet
81Kb / 2P
Voltage-Controlled Oscillator Surface Mount Module
ZRO0736B2LF ZCOMM-ZRO0736B2LF_14 Datasheet
81Kb / 2P
Voltage-Controlled Oscillator Surface Mount Module
More results

Similar Description - ZRO0736B2LF

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
logo
Z-Communications, Inc
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
Voltage-Controlled Oscillator Voltage-Controlled Oscillator
PSA3295C-LF ZCOMM-PSA3295C-LF Datasheet
87Kb / 2P
Satellite Communication Systems
DRO8000A ZCOMM-DRO8000A Datasheet
144Kb / 2P
Voltage-Controlled Oscillator Satellite Communication Systems
DRO8100A ZCOMM-DRO8100A Datasheet
143Kb / 2P
Voltage-Controlled Oscillator Radar Systems
DRO10150A ZCOMM-DRO10150A Datasheet
201Kb / 2P
Voltage-Controlled Oscillator Radar Systems
V965ME07-LF ZCOMM-V965ME07-LF Datasheet
151Kb / 2P
Voltage-Controlled Oscillator High Speed Digital Clocks
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
Voltage-Controlled Oscillator Voltage-Controlled Oscillator
logo
Micross Components
HMC362 MICROSS-HMC362 Datasheet
846Kb / 9P
Satellite Communication Systems
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com