Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VC040205X150 Datasheet(PDF) 7 Page - AVX Corporation

Part # VC040205X150
Description  AVX Multilayer Ceramic Transient Voltage Suppressors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VC040205X150 Datasheet(HTML) 7 Page - AVX Corporation

  VC040205X150 Datasheet HTML 1Page - AVX Corporation VC040205X150 Datasheet HTML 2Page - AVX Corporation VC040205X150 Datasheet HTML 3Page - AVX Corporation VC040205X150 Datasheet HTML 4Page - AVX Corporation VC040205X150 Datasheet HTML 5Page - AVX Corporation VC040205X150 Datasheet HTML 6Page - AVX Corporation VC040205X150 Datasheet HTML 7Page - AVX Corporation VC040205X150 Datasheet HTML 8Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
AVX
Working
Breakdown
Clamping
Peak
Transient
Part Number
Voltage
Voltage
Voltage
Current
Energy
Capacitance
Inductance
Symbol
V
WM
V
B
V
C
I
peak
E
trans
CL
Units
Volts
Volts
Volts
Amp
Joules
pF
nH
(max.)
(max.)
(max.)
(max.)
(typ.)
(typ.)
Test Condition
<50µA
1mA DC
8/20µS†
8/20µs
10/1000µS
0.5Vrms @:
di/dt = 100mA/nS
1kHz
1 MHz
VC120603A100
3.3#
4.1 - 6.0
10
40
0.1
2000
1500
<1.7
VC120603D100
3.3#
3.7 - 5.6
10
150
0.4
4700
3800
1.7
VC120605A150
5.6
7.6 - 9.3
15.5
40
0.1
1200
870
<1.7
VC120605D150
5.6
7.1 - 8.7
15.5
150
0.4
3000
2300
1.7
VC120614A300
14
16.5 - 20.3
30
40
0.1
600
500
<1.7
VC120614D300
14
15.9 - 19.4
30
150
0.4
1200
900
1.7
VC120618A400
18*
22.9 - 28.0
40
30
0.1
350
270
<1.7
VC120618D400
18*
22.5 - 27.5
40
150
0.4
800
635
1.7
VC120626D580
26
30.5 - 37.3
58
120
0.4
550
450
1.7
VC120630D650
30
36.0 - 45.0
65
120
0.4
500
400
1.7
VC120648D101
48
56.0 - 68.0
100
100
0.4
225
185
1.7
VC12LC18A500
See pages 14-15 for specification and performance details.
VOLTAGES = 3.3, 5.6, 14, 18, 26, 30 OR 48 VDC
1206 SURFACE MOUNT
Dimensions:
Actual Size:
Length
3.20 ± 0.2mm (0.126" ± 0.008")
Width
1.60 ± 0.2mm (0.063" ± 0.008")
Thickness
1.02mm Max. (0.040")
Land Length
0.71mm Max. (0.028")
Termination Finish
Pt/Pd/Ag0
V
WM—Maximum steady-state DC operating voltage the varistor can maintain and not exceed 50µA leakage current
V
B—Voltage across the device measured at 1mA DC current
V
C—Maximum peak voltage across the varistor measured at a specified pulse current and waveform
†Transient Energy Rating
Pulse Current & Waveform
0.1 Joule
2A 8/20µS
≥0.4 Joules
10A 8/20µS
I
peak—Maximum peak current which may be applied with the specified waveform without excessive leakage
E
tran—Maximum energy which may be dissipated with the specified waveform without device failure
C—Device capacitance measured with zero volt bias 0.5Vrms and 1kHz
L—Device inductance measured with a current edge rate of 100 mA/nS
*Withstands 24.5 VDC for 5 minutes (automotive applications)
Dimensions: Millimeters (Inches)
#Test condition <100µA
TransGuard
®
AVX Multilayer Ceramic Transient Voltage Suppressors



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com