Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N5686 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 2N5686
Description  High-Current Complementary Silicon Power Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N5686 Datasheet(HTML) 2 Page - ON Semiconductor

  2N5686 Datasheet HTML 1Page - ON Semiconductor 2N5686 Datasheet HTML 2Page - ON Semiconductor 2N5686 Datasheet HTML 3Page - ON Semiconductor 2N5686 Datasheet HTML 4Page - ON Semiconductor 2N5686 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2N5684 (PNP), 2N5686 (NPN)
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted) (Note 2)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector-Emitter Sustaining Voltage (Note 3)
(IC = 0.2 Adc, IB = 0)
VCEO(sus)
80
-
Vdc
Collector Cutoff Current
(VCE = 40 Vdc, IB = 0)
ICEO
-
1.0
mAdc
Collector Cutoff Current
(VCE = 80 Vdc, VEB(off) = 1.5 Vdc)
(VCE = 80 Vdc, VEB(off) = 1.5 Vdc, TC = 150_C)
ICEX
-
-
2.0
10
mAdc
Collector Cutoff Current
(VCB = 80 Vdc, IE = 0)
ICBO
-
2.0
mAdc
Emitter Cutoff Current
(VBE = 5.0 Vdc, IC = 0)
IEBO
-
5.0
mAdc
ON CHARACTERISTICS
DC Current Gain (Note 3)
(IC = 25 Adc, VCE = 2.0 Vdc)
(IC = 50 Adc, VCE = 5.0 Vdc)
hFE
15
5.0
60
-
-
Collector-Emitter Saturation Voltage (Note 3)
(IC = 25 Adc, IB = 2.5 Adc)
(IC = 50 Adc, IB = 10 Adc)
VCE(sat)
-
-
1.0
5.0
Vdc
Base-Emitter Saturation Voltage (Note 2)
(IC = 25 Adc, IB = 2.5 Adc)
VBE(sat)
-
2.0
Vdc
Base-Emitter On Voltage (Note 2)
(IC = 25 Adc, VCE = 2.0 Vdc)
VBE(on)
-
2.0
Vdc
DYNAMIC CHARACTERISTICS
Current-Gain - Bandwidth Product
(IC = 5.0 Adc, VCE = 10 Vdc, f = 1.0 MHz)
fT
2.0
-
MHz
Output Capacitance
2N5684
(VCB = 10 Vdc, IE = 0, f = 0.1 MHz)
2N5686
Cob
-
-
2000
1200
pF
Small-Signal Current Gain
(IC = 10 Adc, VCE = 5.0 Vdc, f = 1.0 kHz)
hfe
15
-
2. Indicates JEDEC Registered Data.
3. Pulse Test: Pulse Width
v 300 μs, Duty Cycle v 2.0%.
Figure 2. Switching Time Test Circuit
1.0
0.5
Figure 3. Turn-On Time
IC, COLLECTOR CURRENT (AMP)
0.7
0.5
0.2
0.07
0.05
0.02
0.01
0.7 1.0
2.0
3.0
5.0 7.0
10
50
TJ = 25°C
IC/IB = 10
VCC = 30 V
0.03
0.3
30
0.1
20
2N5684 (PNP)
2N5686 (NPN)
tr
td
+2.0 V
0
tr ≤
20ns
-12 V
10 to 100
μs
DUTY CYCLE
≈ 2.0%
RB
RL
VCC
-30 V
TO SCOPE
tr ≤ 20 ns
VCC
-30 V
TO SCOPE
tr ≤ 20 ns
RL
RB
+10V
0
-12 V
10 to 100
μs
DUTY CYCLE
≈ 2.0%
tr ≤ 20ns
VBB
+4.0 V
FOR CURVES OF FIGURES 3 & 6, RB & RL ARE VARIED.
INPUT LEVELS ARE APPROXIMATELY AS SHOWN.
FOR NPN CIRCUITS, REVERSE ALL POLARITIES.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com