Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPS511GTR Datasheet(PDF) 2 Page - International Rectifier

Part # IPS511GTR
Description  FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IPS511GTR Datasheet(HTML) 2 Page - International Rectifier

  IPS511GTR Datasheet HTML 1Page - International Rectifier IPS511GTR Datasheet HTML 2Page - International Rectifier IPS511GTR Datasheet HTML 3Page - International Rectifier IPS511GTR Datasheet HTML 4Page - International Rectifier IPS511GTR Datasheet HTML 5Page - International Rectifier IPS511GTR Datasheet HTML 6Page - International Rectifier IPS511GTR Datasheet HTML 7Page - International Rectifier IPS511GTR Datasheet HTML 8Page - International Rectifier IPS511GTR Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
IPS511G/IPS512G
2
www.irf.com
(1) Limited by junction temperature (pulsed current limited also by internal wiring)
Symbol Parameter
Min.
Typ.
Max. Units Test Conditions
Rth1
Thermal resistance with standard footprint

a
Rth2
Thermal resistance with 1" square footprint
&
a
Rth1
Thermal resistance with standard footprint
(2 mos on)
(2 mosfets on)
85
Rth2 (1)
Thermal resistance with standard footprint
(1 mos on)
(1 mosfet on)
100
Rth2
Thermal resistance with 1" square footprint
(2 mos on)
(2 mosfets on)
#
Thermal Characteristics
8 Lead SOIC
16 Lead SOIC
oC/W
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage parameters
are referenced to GROUND lead. (Tj = 25
oC unless otherwise specified).
Symbol Parameter
Min.
Max.
Units
Test Conditions
Vout
Maximum output voltage
Vcc-50 Vcc+0.3
Voffset
Maximum logic ground to load ground offset Vcc-50 Vcc+0.3
Vin
Maximum Input voltage
-0.3
5.5
Iin, max
Maximum IN current
-5
10
mA
Vdg
Maximum diagnostic output voltage
-0.3
5.5
V
Idg, max
Maximum diagnostic output current
-1
10
mA
Isd cont.
Diode max. continuous current (1)
(IPS511G)
1.4
(per leg/both legs ON - IPS512G)
0.8
Isd pulsed Diode max. pulsed current (1)
—10
ESD1
Electrostatic discharge voltage (Human Body)
4000
C=100pF, R=1500
Ω,
ESD2
Electrostatic discharge voltage (Machine Model)
500
C=200pF, R=0
Ω, L=10µH
Pd
Maximum power dissipation
(rth=125oC/W) IPS511G
1
(rth=85oC/W, both legs on) IPS512G
1.5
Tj max.
Max. storage & operating junction temp.
-40
+150
Vvv max
Maximum Vcc voltage
50
V
V
A
V
oC
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com