Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD29150DT25R Datasheet(PDF) 8 Page - STMicroelectronics

Part # LD29150DT25R
Description  1.5 A, very low drop voltage regulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD29150DT25R Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LD29150DT25R Datasheet HTML 4Page - STMicroelectronics LD29150DT25R Datasheet HTML 5Page - STMicroelectronics LD29150DT25R Datasheet HTML 6Page - STMicroelectronics LD29150DT25R Datasheet HTML 7Page - STMicroelectronics LD29150DT25R Datasheet HTML 8Page - STMicroelectronics LD29150DT25R Datasheet HTML 9Page - STMicroelectronics LD29150DT25R Datasheet HTML 10Page - STMicroelectronics LD29150DT25R Datasheet HTML 11Page - STMicroelectronics LD29150DT25R Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Electrical characteristics
LD29150xx
8/22
Doc ID 9614 Rev 18
IO = 10 mA, TJ = 25 °C, VI = 4.5 V, VINH = 2 V (Note 3), CI = 330 nF, CO = 10 µF, unless
otherwise specified.
Note:
1
Guaranteed by design.
2
Dropout voltage is defined as the input-to-output differential when the output voltage drops
to 99% of its nominal value with VO + 1 V applied to VI.
3
Only for version with Inhibit function.
Table 5.
Electrical characteristics of LD29150#25
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
IO = 10 mA to 1.5 A, VI = 3.5 to 8 V
TJ = - 40 to 125°C
2.475
2.5
2.525
V
2.45
2.55
ΔVO
Load regulation
IO = 10 mA to 1.5 A
0.2
1.0
%
ΔVO
Line regulation
VI = 3.5 to 13 V
0.06
0.5
%
SVR
Supply voltage rejection
f = 120 Hz, VI = 4.5 ±1 V, IO = 0.75 A
(
Note 1)
55
70
dB
VDROP Dropout voltage
IO = 250 mA, TJ = - 40 to 125°C (Note 2)0.1
V
IO = 0.75 A, TJ = - 40 to 125°C (Note 2)0.2
IO = 1.5 A, TJ = - 40 to 125°C (Note 2)0.4
0.7
Iq
Quiescent current
IO = 0.75 A, TJ = - 40 to 125°C
15
40
mA
IO = 1.5 A, TJ = - 40 to 125°C
30
80
VI = 13 V, VINH = GND, TJ = - 40 to 125°C
130
180
µA
Isc
Short circuit current
VI - VO = 5.5 V
2.2
A
VIL
Control input logic low
OFF MODE, (
Note 3), TJ = - 40 to 125°C
0.8
V
VIH
Control input logic high
ON MODE, (
Note 3), TJ = - 40 to 125°C
2
V
IINH
Control input current
TJ = - 40 to 125°C, VINH = 13 V
5
10
µA
eN
Output noise voltage
BP = 10 Hz to 100 kHz, IO = 100 mA
100
µVRMS
TSHDN Thermal shutdown
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com