Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS27M2 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TS27M2
Description  Low-power CMOS dual operational amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS27M2 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TS27M2 Datasheet HTML 3Page - STMicroelectronics TS27M2 Datasheet HTML 4Page - STMicroelectronics TS27M2 Datasheet HTML 5Page - STMicroelectronics TS27M2 Datasheet HTML 6Page - STMicroelectronics TS27M2 Datasheet HTML 7Page - STMicroelectronics TS27M2 Datasheet HTML 8Page - STMicroelectronics TS27M2 Datasheet HTML 9Page - STMicroelectronics TS27M2 Datasheet HTML 10Page - STMicroelectronics TS27M2 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
TS27M2, TS27M2A, TS27M2B
Typical characteristics
Doc ID 2306 Rev 2
7/14
Figure 8.
Open-loop frequency response and
phase shift
Figure 9.
Gain bandwidth product versus
supply voltage
50
40
30
20
10
0
-10
6
10
10
23
10
4
10
5
10
7
10
0
45
90
135
180
FREQUENCY, f (Hz)
T
= 25˚C
V
= 10V
R = 100k
Ω
C = 100pF
A
= 100
amb
CC
L
L
VCL
PHASE
GAIN
Phase
Margin
Gain
Bandwidth
Product
+
SUPPLY VOLTAGE, V
(V)
CC
0
4
8
12
16
1800
1400
1000
600
200
T
= 25˚C
R
= 100k
Ω
C = 100pF
A
= 1
amb
L
L
V
Figure 10.
Phase margin versus supply
voltage
Figure 11.
Phase margin versus capacitive
load
0
4
8
12
16
SUPPLY VOLTAGE, V
(V)
CC
50
40
30
20
T
= 25˚C
R = 100k
Ω
C = 100pF
A
= 1
amb
L
L
V
0
20
40
60
80
100
CAPACITANCE, C (pF)
L
80
70
60
50
40
T
= 25˚C
R = 100k
Ω
A
= 1
V
= 10V
amb
L
V
CC
Figure 12.
Slew rate versus supply voltage
Figure 13.
Input voltage noise versus
frequency
4
6
8
10
12
14
16
SUPPLY VOLTAGE, V
(V)
CC
amb
L
L
T
= 25˚C
R = 100k
Ω
C = 100pF
SR
SR
0.9
0.8
0.7
0.6
0.5
0.4
300
200
100
0
1
10
100
1000
FREQUENCY (Hz)
= 10V
= 25˚C
Tamb
VCC
= 100
Ω
R S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com