Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4075-2 Datasheet(PDF) 17 Page - Analog Devices

Part # ADA4075-2
Description  Ultralow Noise Amplifier at Lower Power
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4075-2 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADA4075-2 Datasheet HTML 13Page - Analog Devices ADA4075-2 Datasheet HTML 14Page - Analog Devices ADA4075-2 Datasheet HTML 15Page - Analog Devices ADA4075-2 Datasheet HTML 16Page - Analog Devices ADA4075-2 Datasheet HTML 17Page - Analog Devices ADA4075-2 Datasheet HTML 18Page - Analog Devices ADA4075-2 Datasheet HTML 19Page - Analog Devices ADA4075-2 Datasheet HTML 20Page - Analog Devices ADA4075-2 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Data Sheet
ADA4075-2
Rev. B | Page 17 of 24
DAC OUTPUT FILTER
The ultralow voltage noise, low distortion, and high slew rate of
the ADA4075-2 make it an ideal choice for professional audio
signal processing. Figure 66 shows the ADA4075-2 used in a
typical audio DAC output filter configuration. The differential
outputs of the DAC are fed into the ADA4075-2. The ADA4075-2
is configured as a differential Sallen-Key filter. It operates as an
external low-pass filter to remove high frequency noise present
on the output pins of the DAC. It also provides differential-to-
single-ended conversion from the differential outputs of the DAC.
For a DAC output filter, an op amp with reasonable slew rate and
bandwidth is required. The ADA4075-2 has a high slew rate of the
12 V/μs and a relatively wide bandwidth of 6.5 MHz. The cutoff
frequency of the low-pass filter is approximately 167 kHz. In
addition, the 100 kΩ − 47 μF RC network provides ac coupling
to block out the dc components at the output.
OUTPUT
DAC OUTN
DAC OUTP
11kΩ
11kΩ
5.62kΩ
1.5kΩ
3.01kΩ
100Ω
5.62kΩ
100kΩ
2.2nF
150pF
270pF
560pF
68pF
47µF
ADA4075-2
1/2
Figure 66. Typical DAC Output Filter Circuit (Differential)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com