Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1655 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP1655
Description  Dual LED Flash Driver with I2C-Compatible Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1655 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP1655 Datasheet HTML 9Page - Analog Devices ADP1655 Datasheet HTML 10Page - Analog Devices ADP1655 Datasheet HTML 11Page - Analog Devices ADP1655 Datasheet HTML 12Page - Analog Devices ADP1655 Datasheet HTML 13Page - Analog Devices ADP1655 Datasheet HTML 14Page - Analog Devices ADP1655 Datasheet HTML 15Page - Analog Devices ADP1655 Datasheet HTML 16Page - Analog Devices ADP1655 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
ADP1655
Rev. 0 | Page 13 of 24
2-BIT LOGIC INTERFACE MODE (I2C/EN = 0)
In 2-bit logic interface mode, the two control pins, EN1 and
EN2, select whether the part is disabled or operating in assist
light mode or flash mode, as outlined in Table 6. Additionally,
the TORCH pin selects torch mode.
Figure 29 illustrates state transitions of 2-bit logic mode con-
trolled by digital inputs EN1, EN2, TORCH, and TX_MASK.
EXTERNAL
TORCH
FLASH
SHUTDOWN
ASSIST
LIGHT
EN2 = 1
EN2 = 0
EN1 = 0
EN1 = 1
EN1 = 1
EN2 = 1
EN1 = 0
EN2 = 1
TIMEOUT
EN1 = 1
EN2 = 1
EN1 = 0
EN2 = 0
TORCH = 0
TORCH = 1
Figure 29. 2-Bit Logic Mode State Transitions (I2C/EN = 0)
When the ADP1655 is in flash mode, the TX_MASK pin can
be used to reduce the battery load. The device remains in flash
mode, but the LED driver output current is reduced to the assist
light level.
Table 6. 2-Bit Logic Interface Mode Selection
Mode
I2C/
EN
EN1
EN2
TORCH
Output Current
Shutdown
0
0
0
0
0 mA
Torch
0
0
0
1
One LED: 80 mA
Two LEDs: 40 mA
Assist light
0
0
1
X
One LED: 80 mA
Two LEDs: 40 mA
Reserved
0
1
0
X
0 mA
Flash
0
1
1
X
One LED: 500 mA
Two LEDs: 320 mA
I2C INTERFACE MODE (I2C/EN = 1)
The ADP1655 includes an I2C-compatible serial interface for
control of the LED current, as well as for a readback of system
status registers. The I2C chip address is 0x60 in write mode and
0x61 in read mode.
Table 7. I2C Interface Mode Selection
Mode
I2C/
EN
SCL
SDA
TORCH
Output Current
Standby
1
X
X
0
0 mA
Torch
1
X
X
1
20 mA to 160 mA1, 2
Assist light
1
X
X
X
20 mA to 160 mA2
Flash
1
X
X
X
200 mA to 500 mA2
1 Torch mode has to be enabled from Register 0x04.
2 The output current value depends on the register settings.
Registers values are reset to the default values when VIN supply
falls below the undervoltage (UVLO) level.
Figure 30 illustrates the I2C write sequence to a single register.
The subaddress content selects which of the five ADP1655
registers is written to first. The ADP1655 sends an acknowl-
edgement to the master after the 8-bit data byte has been written.
The ADP1655 increments the subaddress automatically and starts
receiving a data byte to the following register until the master
sends an I2C stop as shown in Figure 31. Figure 32 shows the
I2C read sequence of a single register. ADP1655 sends the data
from the register denoted by the subaddress and increments
the subaddress automatically, sending data from the next reg-
ister until the master sends an I2C stop condition as shown in
Figure 33.
State transitions between standby, assist light, flash, and
external torch modes are described in the State Transitions
section and Figure 34.
The register definitions are shown in the I2C Register Map
section. The lowest bit number (0) represents the least
significant bit, and the highest bit number (7) represents
the most significant bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com