Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP490GP Datasheet(PDF) 4 Page - Analog Devices

Part # OP490GP
Description  Low Voltage, Micropower, Quad Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP490GP Datasheet(HTML) 4 Page - Analog Devices

  OP490GP Datasheet HTML 1Page - Analog Devices OP490GP Datasheet HTML 2Page - Analog Devices OP490GP Datasheet HTML 3Page - Analog Devices OP490GP Datasheet HTML 4Page - Analog Devices OP490GP Datasheet HTML 5Page - Analog Devices OP490GP Datasheet HTML 6Page - Analog Devices OP490GP Datasheet HTML 7Page - Analog Devices OP490GP Datasheet HTML 8Page - Analog Devices OP490GP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
OP490
Rev. E | Page 4 of 16
@ VS = ±1.5 V to ±15 V, −40°C ≤ TA ≤ +85°C
Table 2.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Input Offset Voltage
VOS
0.8
1.5
mV
Average Input Offset Voltage Drift
TCVOS
VS = ±15 V
4
μV/°C
Input Offset Current
IOS
VCM = 0 V
1.3
7
nA
Input Bias Current
IB
VCM = 0 V
4.4
25
nA
Large Signal Voltage Gain
AVO
VS = ±15 V, VO = ±10 V
RL = 100 kΩ
300
600
V/mV
RL = 10 kΩ
150
250
V/mV
RL = 2 kΩ
75
125
V/mV
V+ = 5 V, V− = 0 V, 1 V < VO < 4 V
RL = 100 kΩ
80
160
V/mV
RL = 10 kΩ
40
90
V/mV
Input Voltage Range1
IVR
V+ = 5 V, V− = 0 V
0.3
5
V
−15
+13.5
V
Common-Mode Rejection Ratio
CMRR
V+ = 5 V, V− = 0 V, 0 V < VCM < 3.5 V
80
100
dB
VS = ±15 V, −15 V < VCM < +13.5 V
90
110
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing
VO
VS = ±15 V
±13
±14
V
RL = 2 kΩ
±10
±11
V
Output Voltage High
VOH
V+ = 5 V, V− = 0 V, RL = 2 kΩ
3.9
4.1
V
Output Voltage Low
VOL
V+ = 5 V, V− = 0 V, RL = 10 kΩ
100
500
μV
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
5.6
17.8
μV/V
Supply Current (All Amplifiers)
ISY
VS = ±1.5 V, no load
60
100
mA
VS = ±15 V, no load
75
120
mA
1 Guaranteed by CMRR test.
V–
–IN
V+
OUTPUT
+IN
Figure 3. Simplified Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com