Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5545 Datasheet(PDF) 18 Page - Analog Devices

Part # AD5545
Description  8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5545 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD5545 Datasheet HTML 12Page - Analog Devices AD5545 Datasheet HTML 13Page - Analog Devices AD5545 Datasheet HTML 14Page - Analog Devices AD5545 Datasheet HTML 15Page - Analog Devices AD5545 Datasheet HTML 16Page - Analog Devices AD5545 Datasheet HTML 17Page - Analog Devices AD5545 Datasheet HTML 18Page - Analog Devices AD5545 Datasheet HTML 19Page - Analog Devices AD5545 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
DAC08
Rev. C | Page 18 of 20
ORDERING GUIDE
Model1
NL
Temperature Range
Package Description
Package Option
No. Parts Per Container
DAC08AQ
±0.10%
−55°C to +125°C
CERDIP-16
Q-16
25
DAC08AQ/883C2
±0.10%
−55°C to +125°C
CERDIP-16
Q-16
25
DAC08HP
±0.10%
0°C to 70°C
PDIP-16
N-16
25
DAC08HQ
±0.10%
0°C to 70°C
CERDIP-16
Q-16
25
DAC08Q
±0.19%
−55°C to +125°C
CERDIP-16
Q-16
25
DAC08RC/883C2
±0.19%
−55°C to +125°C
LCC-20
E-20
55
DAC08EP
±0.19%
0°C to 70°C
PDIP-16
N-16
25
DAC08EQ
±0.19%
0°C to 70°C
CERDIP-16
Q-16
25
DAC08ES
±0.19%
0°C to 70°C
SOIC-16
R-16A (Narrow Body)
47
DAC08ES-REEL
±0.19%
0°C to 70°C
SOIC-16
R-16A (Narrow Body)
2500
DAC08ESZ3
±0.19%
0°C to 70°C
SOIC-16
R-16A (Narrow Body)
47
DAC08ESZ-REEL3
±0.19%
0°C to 70°C
SOIC-16
R-16A (Narrow Body)
2500
DAC08CP
±0.39%
−40°C to +85°C
PDIP-16
N-16
25
DAC08CPZ3
±0.39%
−40°C to +85°C
PDIP-16
N-16
25
DAC08CS
±0.39%
−40°C to +85°C
SOIC-16
R-16A (Narrow Body)
47
DAC08CS-REEL
±0.39%
−40°C to +85°C
SOIC-16
R-16A (Narrow Body)
2500
DAC08CSZ3
±0.39%
−40°C to +85°C
SOIC-16
R-16A (Narrow Body)
47
DAC08CSZ-REEL3
±0.39%
−40°C to +85°C
SOIC-16
R-16A (Narrow Body)
2500
1 Devices processed in total compliance to MIL-STD-883. Consult the factory for the 883 data sheet.
2 For availability and burn-in information on the SOIC and PLCC packages, contact your local sales office.
3 Z = Pb-free part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com