Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADR435ARZ Datasheet(PDF) 20 Page - Analog Devices

Part # ADR435ARZ
Description  Ultralow Noise XFET Voltage References with Current Sink and Source Capability
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR435ARZ Datasheet(HTML) 20 Page - Analog Devices

Back Button ADR435ARZ Datasheet HTML 16Page - Analog Devices ADR435ARZ Datasheet HTML 17Page - Analog Devices ADR435ARZ Datasheet HTML 18Page - Analog Devices ADR435ARZ Datasheet HTML 19Page - Analog Devices ADR435ARZ Datasheet HTML 20Page - Analog Devices ADR435ARZ Datasheet HTML 21Page - Analog Devices ADR435ARZ Datasheet HTML 22Page - Analog Devices ADR435ARZ Datasheet HTML 23Page - Analog Devices ADR435ARZ Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
ADR430/ADR431/ADR433/ADR434/ADR435/ADR439
Rev. J | Page 20 of 24
PROGRAMMABLE DAC REFERENCE VOLTAGE
By employing a multichannel DAC, such as the AD7398,
quad, 12-bit voltage output DAC, one of its internal DACs
and an ADR43x voltage reference can be used as a common
programmable VREFX for the rest of the DACs. The circuit
configuration is shown in Figure 41.
VREFA
DAC A
VREFB
DAC B
VREFC
DAC C
VREFD
DAC D
VOUTA
VOUTB
VOUTC
VOUTD
VOB =VREFX (DB)
VOC =VREFX (DC)
VOD =VREFX (DD)
ADR43x
AD7398
VIN
VREF
R1 ± 0.1%
R2
± 0.1%
Figure 41. Programmable DAC Reference
The relationship of VREFX to VREF depends on the digital code
and the ratio of R1 and R2, given by
⎟
⎠
⎞
⎜
⎝
⎛
×
+
⎟
⎠
⎞
⎜
⎝
⎛ +
×
=
R1
R2
D
R1
R2
V
V
N
REF
REFX
2
1
1
(6)
where:
D is the decimal equivalent of the input code.
N is the number of bits.
VREF is the applied external reference.
VREFX is the reference voltage for DAC A to DAC D.
Table 10. VREFX vs. R1 and R2
R1, R2
Digital Code
VREF
R1 = R2
0000 0000 0000
2 VREF
R1 = R2
1000 0000 0000
1.3 VREF
R1 = R2
1111 1111 1111
VREF
R1 = 3R2
0000 0000 0000
4 VREF
R1 = 3R2
1000 0000 0000
1.6 VREF
R1 = 3R2
1111 1111 1111
VREF
PRECISION VOLTAGE REFERENCE FOR DATA
CONVERTERS
The ADR43x family has a number of features that make it ideal
for use with ADCs and DACs. The exceptional low noise, tight
temperature coefficient, and high accuracy characteristics make
the ADR43x ideal for low noise applications, such as cellular
base station applications.
Another example of an ADC for which the ADR431 is well
suited is the AD7701. Figure 42 shows the ADR431 used as
the precision reference for this converter. The AD7701 is a 16-bit
ADC with on-chip digital filtering intended for the measurement
of wide dynamic range and low frequency signals, such as those
representing chemical, physical, or biological processes. It contains
a charge-balancing Σ-Δ ADC, a calibration microcontroller
with on-chip static RAM, a clock oscillator, and a serial
communications port.
SERIAL CLOCK
READ (TRANSMIT)
DATA READY
+5V
ANALOG
SUPPLY
SERIAL CLOCK
RANGES
SELECT
CALIBRATE
ANALOG
INPUT
ANALOG
GROUND
–5V
ANALOG
SUPPLY
DVDD
SLEEP
MODE
DRDY
CS
SCLK
SDATA
CLKIN
CLKOUT
SC1
SC2
DGND
DVSS
AVSS
AGND
AIN
CAL
BP/UP
VREF
AVDD
VIN
VOUT
GND
ADR431
AD7701
0.1µF
0.1µF
0.1µF
0.1µF
10µF
0.1µF
10µF
0.1µF
2
6
4
Figure 42. Voltage Reference for the AD7701 16-Bit ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com