Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AF518A Datasheet(PDF) 90 Page - STMicroelectronics

Part # STM8AF518A
Description  Automotive 8-bit MCU, with up to 128 Kbytes Flash, data EEPROM
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF518A Datasheet(HTML) 90 Page - STMicroelectronics

Back Button STM8AF518A Datasheet HTML 86Page - STMicroelectronics STM8AF518A Datasheet HTML 87Page - STMicroelectronics STM8AF518A Datasheet HTML 88Page - STMicroelectronics STM8AF518A Datasheet HTML 89Page - STMicroelectronics STM8AF518A Datasheet HTML 90Page - STMicroelectronics STM8AF518A Datasheet HTML 91Page - STMicroelectronics STM8AF518A Datasheet HTML 92Page - STMicroelectronics STM8AF518A Datasheet HTML 93Page - STMicroelectronics STM8AF518A Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 110 page
background image
Package characteristics
STM8AF52/62xx, STM8AF51/61xx
90/110
Doc ID 14395 Rev 9
11.1
Package mechanical data
Figure 44.
LQFP 80-pin low profile quad flat package (14 x 14)
Table 52.
LQFP 80-pin low profile quad flat package mechanical data
Dim.
mm
inches(1)
1.
Values in inches are converted from mm and rounded to 4 decimal digits
Min
Typ
Max
Min
Typ
Max
A
—
—
1.600
—
—
0.0630
A1
0.050
—
0.150
0.0020
—
0.0059
A2
1.350
1.400
1.450
0.0531
0.0551
0.0571
b
0.220
0.320
0.380
0.0087
0.0126
0.0150
c
0.090
—
0.200
0.0035
—
0.0079
D
15.800
16.000
16.200
0.6220
0.6299
0.6378
D1
13.800
14.000
14.200
0.5433
0.5512
0.5591
D3
—
12.350
—
—
0.4862
—
E
15.800
16.000
16.200
0.6220
0.6299
0.6378
E1
13.800
14.000
14.200
0.5433
0.5512
0.5591
E3
—
12.350
—
—
0.4862
—
e
—
0.650
—
—
0.0256
—
L
0.450
0.600
0.750
0.0177
0.0236
0.0295
L1
—
1.000
—
—
0.0394
—
ccc
—
—
0.100
—
—
0.0039
k
0°3.5°7°
0°
3.5°
7°
1S_ME
L
A1
K
L1
c
A
A2
ccc
C
D
D1
D3
E3 E1 E
40
41
60
61
b
80
1
Pin 1
identification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com