Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AF5189 Datasheet(PDF) 105 Page - STMicroelectronics

Part # STM8AF5189
Description  Automotive 8-bit MCU, with up to 128 Kbytes Flash, data EEPROM
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF5189 Datasheet(HTML) 105 Page - STMicroelectronics

Back Button STM8AF5189 Datasheet HTML 101Page - STMicroelectronics STM8AF5189 Datasheet HTML 102Page - STMicroelectronics STM8AF5189 Datasheet HTML 103Page - STMicroelectronics STM8AF5189 Datasheet HTML 104Page - STMicroelectronics STM8AF5189 Datasheet HTML 105Page - STMicroelectronics STM8AF5189 Datasheet HTML 106Page - STMicroelectronics STM8AF5189 Datasheet HTML 107Page - STMicroelectronics STM8AF5189 Datasheet HTML 108Page - STMicroelectronics STM8AF5189 Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 110 page
background image
STM8AF52/62xx, STM8AF51/61xx
Revision history
Doc ID 14395 Rev 9
105/110
01-Jul-2009
Rev 4
Removed Table 22: Total current consumption and timing in halt, fast
active halt and slow active halt modes at VDD = 3.3 V.
Added Table 30: Oscillator current consumption
Added Table 31: Programming current consumption.
Updated Table 32: Typical peripheral current consumption VDD = 5.0
V
Changed Section : HSE external clock title from “HSE user external
clock“
Updated Table 33: HSE external clock characteristics
Updated Table 34: HSE oscillator characteristics.
Figure 19: HSE oscillator circuit diagram.
– Changed ‘consumption control’ to ‘current control’
HSE oscillator critical gm formula.
– Clarified formula
Updated Table 35: HSI oscillator characteristics.
Removed ‘RAM and hardware registers’
Removed Table 29: RAM and hardware registers.
Updated Table 37: Flash program memory/data EEPROM memory.
Added Table 38: Flash program memory
Added Table 39: Data memory.
Updated Table 40: I/O static characteristics
Updated Table 41: NRST pin characteristics
Updated Table 42: TIM 1, 2, 3, and 4 electrical specifications
Section 10.3.9: SPI interface
Changed title from “SPI serial peripheral interface“
Updated Table 43: SPI characteristics.
Figure 39: SPI timing diagram in slave mode and with CPHA = 0
– Changed title
– Added footnote 1.
Figure 40: SPI timing diagram in slave mode and with CPHA = 1
– Changed title
Updated Table 45: ADC characteristics.
Updated Figure 42: Typical application with ADC and added legend.
Removed Table 36: ADC accuracy for VDDA = 3.3 V
Updated Table 46: ADC accuracy for VDDA = 5 V
Updated Table 48: EMI data
Updated Table 50: Electrical sensitivities
Added Section : In order to meet environmental requirements, ST
offers these devices in different grades of ECOPACK® packages,
depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at:
www.st.com. ECOPACK® is an ST trademark..
Figure 45: LQFP 64-pin low profile quad flat package (10 x 10)
– Deleted footnote
Updated Figure 52: Ordering information scheme(1).
Added Chapter 13: STM8 development tools.
Table 57.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com