Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AF5189 Datasheet(PDF) 107 Page - STMicroelectronics

Part # STM8AF5189
Description  Automotive 8-bit MCU, with up to 128 Kbytes Flash, data EEPROM
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF5189 Datasheet(HTML) 107 Page - STMicroelectronics

Back Button STM8AF5189 Datasheet HTML 102Page - STMicroelectronics STM8AF5189 Datasheet HTML 103Page - STMicroelectronics STM8AF5189 Datasheet HTML 104Page - STMicroelectronics STM8AF5189 Datasheet HTML 105Page - STMicroelectronics STM8AF5189 Datasheet HTML 106Page - STMicroelectronics STM8AF5189 Datasheet HTML 107Page - STMicroelectronics STM8AF5189 Datasheet HTML 108Page - STMicroelectronics STM8AF5189 Datasheet HTML 109Page - STMicroelectronics STM8AF5189 Datasheet HTML 110Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 107 / 110 page
background image
STM8AF52/62xx, STM8AF51/61xx
Revision history
Doc ID 14395 Rev 9
107/110
3&-Jan-2011
Rev 8
Modified references to reference manual, and Flash programming
manual in the whole document.
Added reference to AEC Q100 standard on cover page.
Renamed timer types as follows:
– Auto-reload timer to general purpose timer
– Multipurpose timer to advanced control timer
– System timer to basic timer
Introduced concept of high density Flash program memory.
Updated number of I/Os for devices in 80-, 64-, and 48-pin packages
in Table 2: STM8AF52xx product line-up with CAN, Table 3:
STM8AF62xx product line-up without CAN, Table 4:
STM8AF/H/P51xx product line-up with CAN, and Table 5:
STM8AF/H/P61xx product line-up without CAN.
Added TMU brief description in Section 5.4: Flash program and data
EEPROM, updated TMU_MAXATT description in Table 21: Option
byte description, and TMU_MAWATT reset value in Table 20: Option
bytes.
Updated clock sources in clock controller features (Section 5.5.1).
Added Table 7: Peripheral clock gating bits (CLK_PCKENR2) in
Section 5.5.6.
Added calibration using TIM3 in Section 5.7.2: Auto-wakeup counter.
Added Table 10: ADC naming and Table 11: Communication
peripheral naming correspondence.
Updated SPI data rate to fMASTER/2 in Section 5.9.3: Serial
peripheral interface (SPI).
Added reset state in Table 12: Legend/abbreviation for the pin
description table.
Table 13: STM8A microcontroller family pin description: modified
Note 2, added Note 3 related to PD1/SWIM, corrected wpu input for
PE1 and PE2, and renamed TIMn_CCx and TIMn_NCCx to
TIMn_CHx and TIMn_CHxN, respectively.
Section 7.2: Register map: Removed CAN register CLK_CANCCR.
Removed I2C_PECR register.
Added Note 1 for Px_IDR registers in Table 15: I/O port hardware
register map. Updated register reset values for Px_IDR and PD_CR1
registers.
Replaced tables describing register maps and reset values for non-
volatile memory, global configuration, reset status, TMU, clock
controller, interrupt controller, timers, communication interfaces, and
ADC, by Table 16: General hardware register map. Added debug
module register map.
Table 57.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com