Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4995 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L4995
Description  5V, 500mA low drop voltage regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4995 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L4995 Datasheet HTML 11Page - STMicroelectronics L4995 Datasheet HTML 12Page - STMicroelectronics L4995 Datasheet HTML 13Page - STMicroelectronics L4995 Datasheet HTML 14Page - STMicroelectronics L4995 Datasheet HTML 15Page - STMicroelectronics L4995 Datasheet HTML 16Page - STMicroelectronics L4995 Datasheet HTML 17Page - STMicroelectronics L4995 Datasheet HTML 18Page - STMicroelectronics L4995 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
L4995
Electrical specifications
Doc ID 13103 Rev 13
15/35
2.5
Test circuit and waveforms plot
2.5.1
Load regulation
Figure 24.
Load regulation test circuit
Figure 23.
PSRR
0,00
10,00
20,00
30,00
40,00
50,00
60,00
70,00
80,00
0,10
1,00
10,00
10
100,00
1000,00
10000
00,00
C0= 4.7 µF
= 4.7 µF
GAPGMS00073
FREQUENCY [KHz]
PSRR [dB]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com