Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6562ATN Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6562ATN
Description  Transition-mode PFC controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6562ATN Datasheet(HTML) 3 Page - STMicroelectronics

  L6562ATN Datasheet HTML 1Page - STMicroelectronics L6562ATN Datasheet HTML 2Page - STMicroelectronics L6562ATN Datasheet HTML 3Page - STMicroelectronics L6562ATN Datasheet HTML 4Page - STMicroelectronics L6562ATN Datasheet HTML 5Page - STMicroelectronics L6562ATN Datasheet HTML 6Page - STMicroelectronics L6562ATN Datasheet HTML 7Page - STMicroelectronics L6562ATN Datasheet HTML 8Page - STMicroelectronics L6562ATN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Description
L6562AT
3/25
1
Description
The L6562AT is a current-mode PFC controller operating in transition mode (TM). Coming
with the same pin-out as its predecessors L6561 and L6562, it offers improved performance.
The highly linear multiplier includes a special circuit, able to reduce AC input current
distortion, that allows wide-range-mains operation with an extremely low THD, even over a
large load range.
The output voltage is controlled by means of a voltage-mode error amplifier and an accurate
(1% @TJ = 25 °C) internal voltage reference.
The device features extremely low consumption (60 µA max. before start-up and < 5.5 mA
operating) and includes a disable function suitable for IC remote ON/OFF, which makes it
easier to comply with energy saving requirements (Blue Angel, EnergyStar, Energy2000,
etc.).
An effective two-step OVP enables to safely handle over-voltages either occurring at start-
up or resulting from load disconnection.
The totem-pole output stage, capable of 600 mA source and 800 mA sink current, is suitable
to drive high current MOSFETs or IGBTs. This, combined with the other features and the
possibility to operate with the proprietary fixed-off-time control, makes the device an
excellent low-cost solution for EN61000-3-2 compliant SMPS in excess of 350 W.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com