Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6562ATD Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6562ATD
Description  Transition-mode PFC controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6562ATD Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6562ATD Datasheet HTML 4Page - STMicroelectronics L6562ATD Datasheet HTML 5Page - STMicroelectronics L6562ATD Datasheet HTML 6Page - STMicroelectronics L6562ATD Datasheet HTML 7Page - STMicroelectronics L6562ATD Datasheet HTML 8Page - STMicroelectronics L6562ATD Datasheet HTML 9Page - STMicroelectronics L6562ATD Datasheet HTML 10Page - STMicroelectronics L6562ATD Datasheet HTML 11Page - STMicroelectronics L6562ATD Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Typical electrical characteristic
L6562AT
8/25
6
Typical electrical characteristic
Figure 3.
Supply current vs supply
voltage
Figure 4.
Start-up and UVLO vs TJ
Figure 5.
IC consumption vs TJ
Figure 6.
Vcc Zener voltage vs TJ
0.00
0.01
0.10
1.00
10.00
0.00
5.00
10.00
15.00
20.00
25.00
Vcc (V)
Co = 1 nF
f = 70 kHz
Tj = 25°C
pj
9
10
11
12
13
-50
0
50
100
150
Tj (°C)
Vcc-ON
Vcc-OFF
pj
0.01
0.1
1
10
-50
0
50
100
150
Tj (°C)
Before start-up
Disabled or during OVP
Quiescent
Operating
Vcc = 12 V
Co= 1 nF
f = 70 kHz
22
23
24
25
26
27
28
-50
0
50
100
150
Tj (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com